Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 87 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 87 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 83Page - Infineon Technologies AG TLE9263QX Datasheet HTML 84Page - Infineon Technologies AG TLE9263QX Datasheet HTML 85Page - Infineon Technologies AG TLE9263QX Datasheet HTML 86Page - Infineon Technologies AG TLE9263QX Datasheet HTML 87Page - Infineon Technologies AG TLE9263QX Datasheet HTML 88Page - Infineon Technologies AG TLE9263QX Datasheet HTML 89Page - Infineon Technologies AG TLE9263QX Datasheet HTML 90Page - Infineon Technologies AG TLE9263QX Datasheet HTML 91Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 164 page
background image
Data Sheet
87
Rev. 1.1, 2014-09-26
TLE9263QX
Wake and Voltage Monitoring Inputs
12.2
Functional Description
The wake input pins are edge-sensitive inputs with a switching threshold of typically 3V. This means that both
transitions, HIGH to LOW and LOW to HIGH, result in a signalization by the SBC. The signalization occurs either
in triggering the interrupt in SBC Normal Mode and SBC Stop Mode or by a wake up of the device in SBC Sleep
and SBC Fail-Safe Mode.
Two different wake detection modes can be selected via SPI:
•
Static sense: WK inputs are always active
•
Cyclic sense: WK inputs are only active for a certain time period (see Chapter 5.2.1)
Two different filter times of 16µs or 64µs can be selected to avoid a parasitic wake-up due to transients or EMC
disturbances in static sense configuration.
The filter time (tFWK1, tFWK2) is triggered by a level change crossing the switching threshold and a wake signal is
recognized if the input level will not cross again the threshold during the selected filter time.
Figure 39 shows a typical wake-up timing and parasitic filter.
Figure 39
Wake-up Filter Timing for Static Sense
The wake-up capability for each WK pin can be enabled or disabled via SPI command in the WK_CTRL_2
register.
The wake source for a wake via a WKx pin can always be read in the register WK_STAT_1 at the bits WK1_WU,
WK2_WU, and WK3_WU.
The actual voltage level of the WK pin (LOW or HIGH) can always be read in SBC Normal and SBC Stop Mode
in the register WK_LVL_STAT. During Cyclic Sense, the register show the sampled levels of the respective WK
pin.
If FO2...3 are configured as WK inputs in its alternative function (16µs static filter time), then the wake events will
be signalled in the register WK_STAT_2.
VWK,th
t
VWK
tWK,f
No Wake Event
Wake Event
VWK,th
tWK,f
t
VINT
tINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com