Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 7Page - Infineon Technologies AG TLE9263QX Datasheet HTML 8Page - Infineon Technologies AG TLE9263QX Datasheet HTML 9Page - Infineon Technologies AG TLE9263QX Datasheet HTML 10Page - Infineon Technologies AG TLE9263QX Datasheet HTML 11Page - Infineon Technologies AG TLE9263QX Datasheet HTML 12Page - Infineon Technologies AG TLE9263QX Datasheet HTML 13Page - Infineon Technologies AG TLE9263QX Datasheet HTML 14Page - Infineon Technologies AG TLE9263QX Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 164 page
background image
TLE9263QX
Pin Configuration
Data Sheet
11
Rev. 1.1, 2014-09-26
3.3
Hints for Unused Pins
It must be ensured that the correct configurations are also selected, i.e. in case functions are not used that they
are disabled via SPI:
•
WK1/2/3: connect to GND and disable WK inputs via SPI
•
HSx: leave open
•
LINx, RXDLINx, TXDLINx, CANH/L, RXDCAN, TXDCAN: leave all pins open
•
RO / FOx: leave open
•
INT: leave open
•
TEST: connect to GND during power-up to activate SBC Development Mode;
connect to VS or leave open for normal user mode operation
•
VCC2: leave open and keep disabled
•
VCC3: See Chapter 8.5
•
VCAN: connect to VCC1
•
n.c.: not connected; internally not bonded; connect to GND
•
If unused pins are routed to an external connector which leaves the ECU, then these pins should have
provision for a zero ohm jumper (depopulated if unused) or ESD protection.
3.4
Hints for Alternate Pin Functions
In case of alternate pin functions, selectable via SPI, it must be ensured that the correct configurations are also
selected via SPI, in case it is not done automatically. Please consult the respective chapter. In addition, following
topics shall be considered:
•
WK1..2: The pins can be either used as HV wake / voltage monitoring inputs or for a voltage measurement
function (via bit WK_MEAS). In the second case, the WK1..2 pins shall not be used / assigned for any wake
detection nor cyclic sense functionality, i.e. WK1 and WK2 must be disabled in the register WK_CTRL_2 and
the level information is to be ignored in the register WK_LVL_STAT.
•
FO2..3: The pins can also be configured as GPIOs in the GPIO_CTRL register. In this case, the pins shall not
be used for any fail output functionality. The default function after Power on Reset (POR) is FOx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com