Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 14Page - Infineon Technologies AG TLE9263QX Datasheet HTML 15Page - Infineon Technologies AG TLE9263QX Datasheet HTML 16Page - Infineon Technologies AG TLE9263QX Datasheet HTML 17Page - Infineon Technologies AG TLE9263QX Datasheet HTML 18Page - Infineon Technologies AG TLE9263QX Datasheet HTML 19Page - Infineon Technologies AG TLE9263QX Datasheet HTML 20Page - Infineon Technologies AG TLE9263QX Datasheet HTML 21Page - Infineon Technologies AG TLE9263QX Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 164 page
background image
TLE9263QX
General Product Characteristics
Data Sheet
18
Rev. 1.1, 2014-09-26
Current consumption per LIN
module wake capability
I
Wake,LIN,25
–0.2
2µA
3)SBC Sleep Mode;
LIN wake capable;
WK1..3, CAN = OFF
P_4.4.15
Current consumption per LIN
module wake capability
I
Wake,LIN,85
–0.5
3µA
2)3)SBC Sleep Mode;
T
j = 85°C;
LIN wake capable;
WK1..3, CAN = OFF
P_4.4.16
Current consumption for CAN
wake capability
I
Wake,CAN,25
–4.5
6µA
3)SBC Sleep Mode;
CAN wake capable;
WK1..3, LIN = OFF
P_4.4.17
Current consumption for CAN
wake capability
I
Wake,CAN,85
–5.5
7µA
2)3)SBC Sleep Mode;
T
j = 85°C;
CAN wake capable;
WK1..3, LIN = OFF
P_4.4.18
VCC2 Normal Mode current
consumption
I
Normal,VCC2
–2.5
3.5
mA
V
S = 5.5 V to 28 V;
T
j = -40 °C to +150 °C;
VCC2 = ON (no load)
P_4.4.32
Current consumption for
VCC2 in SBC Sleep Mode
I
Sleep,VCC2,25 –25
35
µA
1)3)SBC Sleep Mode;
VCC2 = ON (no load);
LIN, CAN,
WK1..3 = OFF
P_4.4.19
Current consumption for
VCC2 in SBC Sleep Mode
I
Sleep,VCC2,85 –30
40
µA
1)2)3)SBC Sleep Mode;
T
j = 85°C; VCC2 = ON
(no load); LIN, CAN,
WK1..3 = OFF
P_4.4.20
Current consumption for
VCC3 in SBC Sleep Mode in
stand-alone configuration
I
Sleep,VCC3,25 –40
60
µA
1)3)SBC Sleep Mode;
VCC3 = ON (no load,
stand-along config.);
LIN, CAN,
WK1..3 = OFF
P_4.4.21
Current consumption for
VCC3 in SBC Sleep Mode in
stand-alone configuration
I
Sleep,VCC3,85 –50
70
µA
1)2)3)SBC Sleep Mode;
T
j = 85°C; VCC3 = ON
(no load, stand-along
config.); LIN, CAN,
WK1..3 = OFF
P_4.4.22
Current consumption for HSx
in SBC Stop Mode
I
Stop,HSx,25
–
525
650
µA
3)6)SBC Stop Mode;
Cyclic Sense & HSx=
ON (no load);
LIN, CAN,
WK1..3 = OFF
P_4.4.33
Table 4
Current Consumption (cont’d)
Current consumption values are specified at Tj = 25°C, VS = 13.5V, all outputs open (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com