| Electronic Components Datasheet Search |
|
TLE9263QX Datasheet(PDF) 65 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9263QX Datasheet(HTML) 65 Page - Infineon Technologies AG |
|
65 / 164 page ![]() Data Sheet 65 Rev. 1.1, 2014-09-26 TLE9263QX High Speed CAN Transceiver 10.2.1 CAN OFF Mode The CAN OFF Mode is the default mode after power-up of the SBC. It is available in all SBC Modes and is intended to completely stop CAN activities or when CAN communication is not needed. The CANH/L bus interface acts as a high impedance input with a very small leakage current. In CAN OFF Mode, a wake-up event on the bus will be ignored. 10.2.2 CAN Normal Mode The CAN Transceiver is enabled via SPI in SBC Normal Mode. CAN Normal Mode is designed for normal data transmission/reception within the HS-CAN network. The Mode is available in SBC Normal Mode and in SBC Stop Mode. The bus biasing is set to VCAN/2. Transmission The signal from the microcontroller is applied to the TXDCAN input of the SBC. The bus driver switches the CANH/L output stages to transfer this input signal to the CAN bus lines. Enabling sequence The CAN transceiver requires an enabling time tCAN,EN before a message can be sent on the bus. This means that the TXDCAN signal can only be pulled LOW after the enabling time. If this is not ensured, then the TXDCAN needs to be set back to HIGH (=recessive) until the enabling time is completed. Only the next dominant bit will be transmitted on the bus. Figure 28 shows different scenarios and explanations for CAN enabling. Figure 28 CAN Transceiver Enabling Sequence Reduced Electromagnetic Emission To reduce electromagnetic emissions (EME), the bus driver controls CANH/L slopes symmetrically. Reception Analog CAN bus signals are converted into digital signals at RXD via the differential input receiver. t V CANDIFF t CAN,EN t V TXDCAN t CAN Mode CAN NORMAL CAN OFF CAN,EN t recessive TXD level required bevor start of transmission tCAN, EN not ensured , no transmission on bus CAN,EN t Correct sequence , Bus is enabled after t CAN, EN tCAN, EN not ensured , no transmission on bus recessive TXD level required Dominant Recessive |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |