Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 18Page - Infineon Technologies AG TLE9263QX Datasheet HTML 19Page - Infineon Technologies AG TLE9263QX Datasheet HTML 20Page - Infineon Technologies AG TLE9263QX Datasheet HTML 21Page - Infineon Technologies AG TLE9263QX Datasheet HTML 22Page - Infineon Technologies AG TLE9263QX Datasheet HTML 23Page - Infineon Technologies AG TLE9263QX Datasheet HTML 24Page - Infineon Technologies AG TLE9263QX Datasheet HTML 25Page - Infineon Technologies AG TLE9263QX Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 164 page
background image
TLE9263QX
System Features
Data Sheet
22
Rev. 1.1, 2014-09-26
5.1.1
Device Configuration and SBC Init Mode
The SBC starts up in SBC Init Mode after crossing the power-on reset VPOR,r threshold (see also Chapter 15.3)
and the watchdog will start with a long open window (tLW).
During this power-on phase following configurations are stored in the device:
•
The device behavior regarding a watchdog trigger failure and a VCC1 over voltage condition is determined by
the external circuitry on the INT pin (see below)
•
The selection of the normal device operation or the SBC Software Development Mode (watchdog disabled for
debugging purposes) will be set depending on the voltage level of the FO3/TEST pin (see also Chapter 5.1.7).
5.1.1.1
Device Configuration
The configuration selection is intended to select the SBC behavior regarding a watchdog trigger failure. Depending
on the requirements of the application, the VCC1 output shall be switched OFF and the device shall go to SBC
Fail-Safe Mode in case of a watchdog failure (1 or 2 fails). To set this configuration (Config 2/4), the INT pin does
not need an external pull-up resistor. In case VCC1 should not be switched OFF (Config 1/3), the INT pin needs
to have an external pull-up resistor connected to VCC1 (see application diagram in Chapter 17.1).
Figure 5 shows the timing diagram of the hardware configuration selection. The hardware configuration is defined
during SBC Init Mode. The INT pin is internally pulled LOW with a weak pull-down resistor during the reset delay
time tRD1, i.e.after VCC1 crosses the reset threshold VRT1 and before the RO pin goes HIGH. The INT pin is
monitored during this time (with a continuos filter time of tCFG_F) and the configuration (depending on the voltage
level at INT) is stored at the rising edge of RO.
Note: If the POR bit is not cleared then the internal pull-down resistor will be reactivated every time RO is pulled
LOW the configuration will be updated at the rising edge of RO. Therefore it is recommended to clear the
POR bit right after initialization. In case there is no stable signal at INT, then the default value ‘0’ will taken
as the config select value = SBC Fail-Safe Mode.
Figure 4
Hardware Configuration Selection Timing Diagram
t
VCC1
t
RO
t
VS
VPOR,r
tRD1
VRT1,r
tCFG_F
Configuration selection monitoring period
Continuous Filtering with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com