Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 20Page - Infineon Technologies AG TLE9263QX Datasheet HTML 21Page - Infineon Technologies AG TLE9263QX Datasheet HTML 22Page - Infineon Technologies AG TLE9263QX Datasheet HTML 23Page - Infineon Technologies AG TLE9263QX Datasheet HTML 24Page - Infineon Technologies AG TLE9263QX Datasheet HTML 25Page - Infineon Technologies AG TLE9263QX Datasheet HTML 26Page - Infineon Technologies AG TLE9263QX Datasheet HTML 27Page - Infineon Technologies AG TLE9263QX Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 164 page
background image
TLE9263QX
System Features
Data Sheet
24
Rev. 1.1, 2014-09-26
5.1.1.2
SBC Init Mode
In SBC Init Mode, the device waits for the microcontroller to finish its startup and initialization sequence. In the
SBC Init Mode any valid SPI command will bring the SBC to SBC Normal Mode. During the long open window the
watchdog has to be triggered. Thereby the watchdog will be automatically configured.
A missing watchdog trigger during the long open window will cause a watchdog failure and the device will enter
SBC Restart Mode.
Wake events are ignored during SBC Init Mode and will therefore be lost.
Note: Any SPI command will bring the SBC to SBC Normal Mode even if it is a illegal SPI command (see
Chapter 16.2).
Note: For a safe start-up, it is recommended to use the first SPI command to trigger and to configure the watchdog
(see Chapter 15.2).
Note: At power up no VCC1_UV will be issued nor will FOx be triggered as long as VCC1 is below the VRT,x
threshold and if VS is below the VCC1 short circuit detection threshold VS,UV. The RO pin will be kept low as
long as VCC1 is below the selected VRT,x threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com