Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 49Page - Infineon Technologies AG TLE9263QX Datasheet HTML 50Page - Infineon Technologies AG TLE9263QX Datasheet HTML 51Page - Infineon Technologies AG TLE9263QX Datasheet HTML 52Page - Infineon Technologies AG TLE9263QX Datasheet HTML 53Page - Infineon Technologies AG TLE9263QX Datasheet HTML 54Page - Infineon Technologies AG TLE9263QX Datasheet HTML 55Page - Infineon Technologies AG TLE9263QX Datasheet HTML 56Page - Infineon Technologies AG TLE9263QX Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 164 page
background image
Data Sheet
53
Rev. 1.1, 2014-09-26
TLE9263QX
External Voltage Regulator 3
8.4
Calculation of RSHUNT
As a independent regulator, the maximum current
I
CC3max where the limit starts and the bit ICC3 > ICC3max is set is
determined by the shunt resistor
R
SHUNT and the Output Current Shunt Voltage Threshold Vshunt_threshold.
The resistor can be calculated as following:
(1)
If VCC3 is configured for load sharing, then the shunt resistor determines the load sharing ratio between VCC1
and VCC3. The ratio can be calculated as following:
(2)
Example: A shunt resistor with 470mΩ and a load current of 100mA out of VCC1 would result in
I
CC3 = 191mA.
8.5
Unused Pins
In case the VCC3 is not used in the application, it is recommended to connect the unused pins of VCC3 as
followed:
•
Connect VCC3SH to VS or leave open;
•
Leave VCC3B open;
•
Leave VCC3REF open
•
Do not enable the VCC3 via SPI as this leads to increased current consumption
max
3
_
CC
threshold
shunt
SHUNT
I
U
R
=
)
(
15
105
110
1
1
3
a
R
I
mV
I
I
SHUNT
CC
CC
CC
−
Ω
=
)
(
15
105
110
1
3
b
R
mV
I
I
SHUNT
CC
CC
−
Ω
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com