Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 101 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 101 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 97Page - Infineon Technologies AG TLE9263QX Datasheet HTML 98Page - Infineon Technologies AG TLE9263QX Datasheet HTML 99Page - Infineon Technologies AG TLE9263QX Datasheet HTML 100Page - Infineon Technologies AG TLE9263QX Datasheet HTML 101Page - Infineon Technologies AG TLE9263QX Datasheet HTML 102Page - Infineon Technologies AG TLE9263QX Datasheet HTML 103Page - Infineon Technologies AG TLE9263QX Datasheet HTML 104Page - Infineon Technologies AG TLE9263QX Datasheet HTML 105Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 164 page
background image
Data Sheet
101
Rev. 1.1, 2014-09-26
TLE9263QX
Supervision Functions
15.2
Watchdog Function
The watchdog is used to monitor the software execution of the microcontroller and to trigger a reset if the
microcontroller stops serving the watchdog due to a lock up in the software.
Two different types of watchdog functions are implemented and can be selected via the bit WD_WIN:
•
Time-Out Watchdog (default value)
•
Window Watchdog
The respective watchdog functions can be selected and programmed in SBC Normal Mode. The configuration
stays unchanged in SBC Stop Mode.
Please refer to Table 26 to match the SBC Modes with the respective watchdog modes.
The watchdog timing is programmed via SPI command. As soon as the watchdog is programmed, the timer starts
with the new setting and the watchdog must be served. The watchdog is triggered by sending a valid SPI-write
command to the watchdog configuration register. The trigger SPI command is executed when the Chip Select
input (CSN) becomes HIGH.
When coming from SBC Init, SBC Restart Mode or in certain cases from SBC Stop Mode, the watchdog timer is
always started with a long open window. The long open window (tLW = 200ms) allows the microcontroller to run its
initialization sequences and then to trigger the watchdog via SPI.
The watchdog timer period can be selected via the watchdog timing bit field (WD_TIMER) and is in the range of
10 ms to 1000 ms. This setting is valid for both watchdog types.
The following watchdog timer periods are available:
•
WD Setting 1: 10ms
•
WD Setting 2: 20ms
•
WD Setting 3: 50ms
•
WD Setting 4: 100ms
•
WD Setting 5: 200ms
•
WD Setting 6: 500ms
•
WD Setting 7: 1000ms
In case of a watchdog reset, SBC Restart or SBC Fail-Safe Mode is entered according to the configuration and
the SPI bits WD_FAIL are set. Once the RO goes HIGH again the watchdog immediately starts with a long open
window the SBC enters automatically SBC Normal Mode.
In SBC Software Development Mode the watchdog is OFF and therefore no reset and interrupt are generated due
to a watchdog failure.
Table 26
Watchdog Functionality by SBC Modes
SBC Mode
Watchdog Mode
Remarks
INIT Mode
Starts with Long Open Window Watchdog starts with Long Open Window after RO is
released
Normal Mode
WD Programmable
Window Watchdog, Time-Out watchdog or switched
OFF for SBC Stop Mode
Stop Mode
Watchdog is fixed or OFF
Sleep Mode
OFF
SBC will start with Long Open Window when entering
SBC Normal Mode.
Restart Mode
OFF
SBC will start with Long Open Window when entering
SBC Normal Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com