Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 103 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 103 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 99Page - Infineon Technologies AG TLE9263QX Datasheet HTML 100Page - Infineon Technologies AG TLE9263QX Datasheet HTML 101Page - Infineon Technologies AG TLE9263QX Datasheet HTML 102Page - Infineon Technologies AG TLE9263QX Datasheet HTML 103Page - Infineon Technologies AG TLE9263QX Datasheet HTML 104Page - Infineon Technologies AG TLE9263QX Datasheet HTML 105Page - Infineon Technologies AG TLE9263QX Datasheet HTML 106Page - Infineon Technologies AG TLE9263QX Datasheet HTML 107Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 164 page
background image
Data Sheet
103
Rev. 1.1, 2014-09-26
TLE9263QX
Supervision Functions
15.2.2
Window Watchdog
Compared to the time-out watchdog the characteristic of the window watchdog is that the watchdog timer period
is divided between an closed and an open window. The watchdog must be triggered within the open window.
A correct watchdog trigger results in starting the window watchdog period by a closed window followed by an open
window.
The watchdog timer period is at the same time the typical trigger time and defines the middle of the open window.
Taking the oscillator tolerances into account leads to a safe trigger area of:
tWD x 0.72 < safe trigger area < tWD x 1.20.
The typical closed window is defined to a width of 60% of the selected window watchdog timer period. Taking the
tolerances of the internal oscillator into account leads to the timings as defined in Figure 50.
A correct watchdog service immediately results in starting the next closed window.
Should the trigger signal meet the closed window or should the watchdog timer period elapse, then a watchdog
reset is created by setting the reset output RO low and the SBC switches to SBC Restart or SBC Fail-Safe Mode.
Figure 50
Window Watchdog Definitions
15.2.3
Watchdog Setting Check Sum
A check sum bit is part of the SPI commend to trigger the watchdog and to set the watchdog setting.
The sum of the 8 data bits in the register WWD_CTRL needs to have even parity (see Equation (3)). This is
realized by either setting the bit CHECKSUM to 0 or 1. If the check sum is wrong, then the SPI command is
ignored, i.e. the watchdog is not triggered or the settings are not changed and the bit SPI_FAIL is set.
The checksum is calculated by taking all 8 data bits into account. The written value of the reserved bit 3 of the
WWD_CTRL register is considered (even if read as ‘0’ in the SPI output) for checksum calculation, i.e. if a 1 is
written on the reserved bit position, then a 1 will be used in the checksum calculation.
(3)
closed window
open window
t / [tWD_TIMER]
safe trigger area
tWD x 0.72
tWD x 1.20
uncertainty
uncertainty
tWD x 0.48
tWD x 1.80
Watchdog Timer Period (WD_TIMER)
Typ. closed window
Typ. open window
tWD x 0.6
tWD x 1.0
tWD x 0.9
CHKSUM
Bit15
…
Bit8
⊕⊕
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com