Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 106 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 106 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 102Page - Infineon Technologies AG TLE9263QX Datasheet HTML 103Page - Infineon Technologies AG TLE9263QX Datasheet HTML 104Page - Infineon Technologies AG TLE9263QX Datasheet HTML 105Page - Infineon Technologies AG TLE9263QX Datasheet HTML 106Page - Infineon Technologies AG TLE9263QX Datasheet HTML 107Page - Infineon Technologies AG TLE9263QX Datasheet HTML 108Page - Infineon Technologies AG TLE9263QX Datasheet HTML 109Page - Infineon Technologies AG TLE9263QX Datasheet HTML 110Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 164 page
background image
Data Sheet
106
Rev. 1.1, 2014-09-26
TLE9263QX
Supervision Functions
15.4
Under Voltage VS and VSHS
If the supply voltage VS reaches the under voltage threshold VS,UV then the SBC does the following measures:
•
SPI bit VS_UV is set. No other error bits are set. The bit can be cleared once the condition is not present
anymore,
•
VCC3 is disabled (see Chapter 8.2) unless the control bit VCC3_VS_ UV_OFF is set
•
The VCC1 short circuit protection becomes inactive (see Chapter 15.7). However, the thermal protection of
the device remains active.
If the under voltage threshold is exceeded (VS rising) then functions will be automatically enabled again.
If the supply voltage VSHS passes below the under voltage threshold (VSHS,UVD) the SBC does the following
measures:
•
HS1...4 are acting accordingly to the SPI setting (see Chapter 9)
•
LINx is switched to LIN Receive Only Mode;
•
SPI bit VSHS_UV is set. No other error bits are set. The bit can be cleared once the condition is not present
anymore,
•
VCC1, VCC2, WKx and CAN are not affected by VSHS under voltage
15.5
Over Voltage VSHS
If the supply voltage VSHS reaches the over voltage threshold (VSHS,OVD) the SBC triggers the following measures:
•
HS1...4 are acting accordingly to the SPI setting (see Chapter 9)
•
SPI bit VSHS_OV is set. No other error bits are set. The bit can be cleared once the condition is not present
anymore,
•
VCC1, VCC2, VCC3, WKx, LIN and CAN are not affected by VS over voltage
15.6
VCC1 Over-/ Under Voltage and Under Voltage Prewarning
15.6.1
VCC1 Under Voltage and Under Voltage Prewarning
A first-level voltage detection threshold is implemented as a prewarning for the microcontroller. The prewarning
event is signaled with the bit VCC1_ WARN. No other actions are taken.
As described in Chapter 15.1 and Figure 53, a reset will be triggered (RO pulled ‘low’) when the
V
CC1 output
voltage falls below the selected under voltage threshold (VRTx). The bit VCC1_UV is set and the SBC will enter
SBC Restart Mode.
Note: The VCC1_ WARN or VCC1_UV bits are not set in Sleep Mode as
V
CC1 = 0V in this case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com