Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8471Q Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 21Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 22Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 23Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 24Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 25Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 26Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 27Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 28Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
25
9
Register Map
Table 13. Register Address Map
Name
Type
Register
Address
Auto-Increment Address
Default
Hex
Value
Comment
STATUS[f_mode] = 00,
CTRL_REG1[f_read] = 0
STATUS[f_mode] > 00,
CTRL_REG1[f_read] = 0
STATUS[f_mode] = 00,
CTRL_REG1[f_read] = 1
STATUS[f_mode] > 00,
CTRL_REG1[f_read] = 1
STATUS(1)(2)
R
0x00
0x01
0x00
Real-time, data-ready
status or FIFO status
(DR_STATUS or
F_STATUS)
OUT_X_MSB(1)(2)
R
0x01
0x02
0x01
0x03
0x01
Data
[7:0] are 8
MSBs of
14-bit
sample.
Root
pointer to
XYZ FIFO
data.
OUT_X_LSB(1)(2)
R
0x02
0x03
0x00
Data
[7:2] are 6 LSBs of
14-bit sample
OUT_Y_MSB(1)(2)
R
0x03
0x04
0x05
0x00
Data
[7:0] are 8 MSBs of
14-bit sample
OUT_Y_LSB(1)(2)
R
0x04
0x05
0x00
Data
[7:2] are 6 LSBs of
14-bit sample
OUT_Z_MSB(1)(2)
R
0x05
0x06
0x00
Data
[7:0] are 8 MSBs of
14-bit sample
OUT_Z_LSB(1)(2)
R
0x06
0x00
0x00
Data
[7:2] are 6 LSBs of
14-bit sample
Reserved
—
0x07-
0x08
—
—
Reserved, do not modify
F_SETUP(1)(3)
R/W
0x09
0x0A
0x00
FIFO setup
TRIG_CFG
R/W
0x0A
0x0B
0x00
FIFO event trigger
configuration register
SYSMOD(1)(2)
R
0x0B
0x0C
Output
Current system mode
INT_SOURCE(1)(2)
R
0x0C
0x0D
Output
Interrupt status
WHO_AM_I(1)
R
0x0D
0x0E
0x6A
Device ID
XYZ_DATA_CFG(1)(4)
R/W
0x0E
0x0F
0x00
Acceleration dynamic
range and filter enable
settings
HP_FILTER_CUTOFF(1)(4)
R/W
0x0F
0x10
0x00
Pulse detection high-
pass and low-pass filter
enable bits. High-pass
filter cutoff frequency
selection
PL_STATUS(1)(2)
R
0x10
0x11
0x00
Landscape/Portrait
orientation status
PL_CFG(1)(4)
R/W
0x11
0x12
0x83
Landscape/Portrait
configuration.
PL_COUNT(1)(3)
R/W
0x12
0x13
0x00
Landscape/Portrait
debounce counter
PL_BF_ZCOMP(1)(4)
R/W
0x13
0x14
0x00
Back/Front Trip angle
threshold
PL_THS_REG(1)(4)
R/W
0x14
0x15
0x1A
Portrait to Landscape
Trip Threshold angle
and hysteresis settings
A_FFMT_CFG(1)(4)
R/W
0x15
0x16
0x00
Freefall/Motion function
configuration
A_FFMT_SRC(1)(2)
R
0x16
0x17
0x00
Freefall/Motion event
source register
A_FFMT_THS(1)(3)
R/W
0x17
0x18
0x00
Freefall/Motion
threshold register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com