Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8471Q Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 24Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 25Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 26Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 27Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 28Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 29Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 30Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 31Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
FXLS8471Q
Sensors
28
Freescale Semiconductor, Inc.
10
Registers by Functional Blocks
10.1
Device configuration
10.1.1
STATUS (0x00) register
The STATUS register aliases allow for the contiguous burst read of both status and current acceleration sample/FIFO data using
the auto-increment addressing mechanism in both 8- and 14-bit modes.
10.1.2
DR_STATUS (0x00) register
Data-Ready Status when F_SETUP[f_mode] = 0x00
This STATUS register provides the acquisition status information on a per-sample basis, and reflects real-time updates to the
OUT_X, OUT_Y, and OUT_Z registers.
When the FIFO subsystem data output register driver is disabled (F_SETUP[f_mode] = 2’b00), this register indicates the real-
time status information of the accelerometer X, Y, and Z axes sample data.
Table 14. STATUS register
DR_STATUS or F_STATUS
00000000
Table 15. STATUS Description
Field
Description
F_SETUP[f_mode] = 2’b00
register 0x00
→ DR_STATUS
F_SETUP[f_mode] > 2’b00
register 0x00
→ F_STATUS
Table 16. DR_STATUS register
zyxow
zow
yow
xow
zyxdr
zdr
ydr
xdr
00000000
Table 17. DR_STATUS description
Field
Description
zyxow
zyxow is set to 1 whenever new data is acquired before completing the retrieval of the previous set. This event occurs when
the content of at least one acceleration data register (that is, OUT_X, OUT_Y, and OUT_Z) has been overwritten. zyxow is
cleared when the high-bytes of the acceleration data (OUT_X_MSB, OUT_Y_MSB, and OUT_Z_MSB) are read.
X, Y, Z-axis data overwrite.
0: No data overwrite has occurred
1: Previous X, Y, Z data was overwritten by new X, Y, Z data before it was completely read
zow
zow is set to 1 whenever a new Z-axis acquisition is completed before the retrieval of the previous data. When this occurs the
previous data is overwritten. zow is cleared anytime OUT_Z_MSB register is read.
Z-axis data overwrite.
0: No data overwrite has occurred
1: Previous Z-axis data was overwritten by new Z-axis data before it was read
yow
yow is set to 1 whenever a new Y-axis acquisition is completed before the retrieval of the previous data. When this occurs the
previous data is overwritten. yow is cleared anytime OUT_Y_MSB register is read.
Y-axis data overwrite.
0: No data overwrite has occurred
1: Previous Y-axis data was overwritten by new Y-axis data before it was read
xow
xow is set to 1 whenever a new X-axis acquisition is completed before the retrieval of the previous data. When this occurs the
previous data is overwritten. xow is cleared anytime OUT_X_MSB register is read.
X-axis data overwrite.
0: No data overwrite has occurred
1: Previous X-axis data was overwritten by new X-axis data before it was read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com