Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8471Q Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 52Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 53Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 54Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 55Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 56Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 57Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 58Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 59Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
FXLS8471Q
Sensors
56
Freescale Semiconductor, Inc.
10.9.2
A_VECM_THS_MSB (0x60) register
10.9.3
A_VECM_THS_LSB (0x61) register
10.9.4
A_VECM_CNT (0x62) register
The debounce timer period is determined by the ODR selected in CTRL_REG1; it is equal to the number indicated in
A_VECM_CNT register times 1/ODR. For example, a value of 16 in A_VECM_CNT with an ODR setting of 400 Hz will result in
a debounce period of 40 ms.
Table 92. A_VECM_THS_MSB register
a_vecm_dbcntm
—
—
a_vecm_ths[12:8]
0
0
0
5’b00000
Table 93. A_VECM_THS_MSB bit descriptions
Field
Description
a_vecm_dbcntm
Control bit a_vecm_dbcntm defines how the debounce timer is reset when the condition for triggering the interrupt is
no longer true.
When a_vecm_dbcntm = 0 the debounce counter is decremented by 1 when the vector-magnitude result is below the
programmed threshold value.
When a_vecm_dbcntm = 1 the debounce counter is cleared when the vector-magnitude result is below the
programmed threshold value.
a_vecm_ths[12:8]
Five MSBs of the 13-bit unsigned A_VECM_THS value. The resolution is equal to the selected accelerometer
resolution set in XYZ_DATA_CFG[fs]
Table 94. A_VECM_THS_LSB register
a_vecm_ths[7:0]
8’b00000000
Table 95. A_VECM_CNT register
a_vecm_cnt[7:0]
8’b00000000
Table 96. A_VECM_CNT bit description
Field
Description
a_vecm_cnt[7:0]
Vector-magnitude function debounce count value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com