Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8471Q Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 59Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 60Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 61Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 62Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 63Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 64Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 65Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 66Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
63
10.11.4
PULSE_THSY (0x24) register
10.11.5
PULSE_THSZ (0x25) register
10.11.6
PULSE_TMLT (0x26) register
Minimum time step for the pulse-time limit is defined in Tables 130 and 131. Maximum time for a given ODR is “Minimum time
step x 255”.
Table 124. PULSE_THSY register
—
pls_thsy[6:0]
0
7’b0000000
Table 125. PULSE_THSY bit description
Field
Description
pls_thsy[6:0]
Pulse threshold for Y-axis.
Table 126. PULSE_THSZ register
—
pls_thsz[6:0]
0
7’b0000000
Table 127. PULSE_THSZ bit description
Field
Description
pls_thsz[6:0]
Pulse threshold for Z-axis.
Table 128. PULSE_TMLT register
pls_tmlt[7:0]
8’b00000000
Table 129. PULSE_TMLT bit description
Field
Description
pls_tmlt[7:0]
pls_tmlt[7:0] defines the maximum time interval that can elapse between the start of the acceleration on the selected
channel exceeding the specified threshold and the end when the channel acceleration goes back below the specified
threshold.
Table 130. Time step for PULSE_TMLT with HP_FILTER_CUTOFF[pls_hpf_en] = 1
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
20.4
0.638
40.8
20
80
2.5
160
1.56
5.1
20.4
0.638
40.8
20
80
2.5
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com