Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8471Q Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 49Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 50Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 51Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 52Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 53Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 54Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 55Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 56Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
53
Figure 16. A_FFMT_THS high and low-g level
A_FFMT_THS contains the unsigned 7-bit threshold value used by the freefall/motion detection functional block and is used to
detect either low-g (freefall) or high-g (motion) events depending on the setting of G_FFMT_CFG[f_ffmt_oae]. If g_ffmt_oae = 0,
the event is detected when the absolute value of all the enabled axes are below the threshold value. When g_ffmt_oae = 1, the
event is detected when the absolute value of any of the enabled axes is above the threshold value (see Figure 16 for an
illustration of the freefall/motion event detection thresholds). If A_FFMT_THS_X_MSB[a_ffmt_ths_xyz_en] = 1, the behavior is
identical, except that each axis may be programmed with an individual 13-bit threshold (stored in the A_FFMT_X/Y/Z MSB and
LSB registers).
10.8.4
A_FFMT_COUNT (0x18) register
Debounce count register for freefall/motion detection events
This register sets the number of debounce counts for acceleration sample data matching the user-programmed conditions for
either a freefall or motion detection event required before the interrupt is triggered.
When the internal debounce counter reaches the A_FFMT_COUNT value a freefall/motion event flag is set. The debounce
counter will never increase beyond the A_FFMT_COUNT value. The time step used for the debounce sample count depends on
the ODR chosen (see Table 89).
Table 85. A_FFMT_THS_Z_MSB (0x77) register
—
a_ffmt_ths_z[12:6]
0
7’b0000000
Table 86. A_FFMT_THS_Z_LSB (0x78) register
a_ffmt_ths_z[5:0]
—
—
6’b000000
0
0
Table 87. A_FFMT_COUNT register
a_ffmt_count[7:0]
8’b00000000
Table 88. A_FFMT_COUNT bit description
Field
Description
a_ffmt_count[7:0]
a_ffmt_count defines the minimum number of debounce sample counts required for the detection of a freefall or motion
event. A_FFMT_THS[ffmt_dbcntm] determines the behavior of the counter when the condition of interest is momentarily
not true.
+Full Scale
High-g Positive Threshold
Low-g Threshold
High-g Negative Threshold
-Full Scale
X, Y, Z High-g Region
X, Y, Z High-g Region
X, Y, Z Low-g Region
Negative
Positive
Acceleration
Acceleration
(Motion OR of enabled axes)
(Freefall - AND of enabled axes)
(Motion - OR of enabled axes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com