| Electronic Components Datasheet Search |
|
FXLS8471Q Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
FXLS8471Q Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 75 page ![]() FXLS8471Q Sensors Freescale Semiconductor, Inc. 27 NOTE The auto-increment addressing is only enabled when registers are read using burst-read mode when the device is configured for I2C or SPI. The auto-increment address is automatically reset to 0x00 in I2C mode when a stop condition is detected. In SPI mode there is no stop condition and the auto-increment address is not automatically reset to 0x00. A_VECM_THS_LSB R/W 0x61 0x62 0x00 Acceleration vector- magnitude threshold LSB A_VECM_CNT R/W 0x62 0x63 0x00 Acceleration vector- magnitude debounce count A_VECM_INITX_MSB R/W 0x63 0x64 0x00 Acceleration vector- magnitude X-axis reference value MSB A_VECM_INITX_LSB R/W 0x64 0x65 0x00 Acceleration vector- magnitude X-axis reference value LSB A_VECM_INITY_MSB R/W 0x65 0x66 0x00 Acceleration vector- magnitude Y-axis reference value MSB A_VECM_INITY_LSB R/W 0x66 0x67 0x00 Acceleration vector- magnitude Y-axis reference value LSB A_VECM_INITZ_MSB R/W 0x67 0x68 0x00 Acceleration vector- magnitude Z-axis reference value MSB A_VECM_INITZ_LSB R/W 0x68 0x69 0x00 Acceleration vector- magnitude Z-axis reference value LSB Reserved — 0x69- 0x72 — — Reserved, do not modify A_FFMT_THS_X_MSB R/W 0x73 0x74 0x00 X-axis FMT threshold MSB A_FFMT_THS_X_LSB R/W 0x74 0x75 0x00 X-axis FFMT threshold LSB A_FFMT_THS_Y_MSB R/W 0x75 0x76 0x00 Y-axis FFMT threshold MSB A_FFMT_THS_Y_LSB R/W 0x76 0x77 0x00 Y-axis FFMT threshold LSB A_FFMT_THS_Z_MSB R/W 0x77 0x78 0x00 Z-axis FFMT threshold MSB A_FFMT_THS_Z_LSB R/W 0x78 0x79 0x00 Z-axis FFMT threshold LSB Reserved — 0x79 - 0xFF — — Reserved, do not modify 1. Register contents are preserved when transitioning from Active to Standby mode. 2. Register contents are reset when transitioning from Standby to Active mode. 3. Register contents can be modified anytime in Standby or Active mode. A write to this register will cause a reset of the corresponding internal system debounce counter. 4. Modification of this register’s contents can only occur when device is in Standby mode, except the FS[1:0] bit fields in CTRL_REG1 register. Table 13. Register Address Map (Continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |