Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8471Q Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 43Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 44Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 45Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 46Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 47Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 48Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 49Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 50Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
47
10.7.2
PL_CFG (0x11) register
This register enables the Portrait/Landscape function and sets the behavior of the debounce counter.
10.7.3
PL_COUNT (0x12) register
This register sets the debounce count for the orientation state transition. The minimum debounce latency is determined by the
system ODR value and the value of the PL_COUNT register. Any change to the system ODR or a transition from Active to
Standby (or vice-versa) resets the internal landscape/portrait internal debounce counters.
Table 62. PL_CFG register
dbcntm
pl_en
—————
—
10000000
Table 63. PL_CFG bit descriptions
Field
Description
dbcntm
Debounce counter mode selection.
0: Decrements debounce whenever condition of interest is no longer valid.
1: Clears counter whenever condition of interest is no longer valid.
pl_en
Portrait/Landscape detection enable.
0: Portrait/Landscape detection is disabled.
1: Portrait/Landscape detection is enabled.
Table 64. PL_COUNT register
dbnce[7:0]
8’b00000000
Table 65. PL_Count Relationship with the ODR
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
20.4
0.638
40.8
20
80
2.5
160
1.56
5.1
20.4
0.638
40.8
20
80
2.5
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com