Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8471Q Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 57Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 58Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 59Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 60Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 61Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 62Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 63Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 64Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
61
10.11
Pulse detection
10.11.1
PULSE_CFG (0x21) register
This register configures the pulse event detection function.
Table 118. PULSE_CFG register
pls_dpa
pls_ele
pls_zdpefe
pls_zspefe
pls_ydpefe
pls_yspefe
pls_xdpefe
pls_xspefe
00000000
Table 119. PULSE_CFG bit descriptions
Field
Description
pls_dpa
Double-pulse abort.
0: Double-pulse detection is not aborted if the start of a pulse is detected during the time period specified by the
PULSE_LTCY register.
1: Setting the pls_dpa bit momentarily suspends the double-tap detection if the start of a pulse is detected during the
time period specified by the PULSE_LTCY register and the pulse ends before the end of the time period specified by
the PULSE_LTCY register.
pls_ele
Pulse event flag latch enable. When enabled, a read of the PULSE_SRC register is needed to clear the event flag.
0: Event flag latch disabled
1: Event flag latch enabled
pls_zdpefe
Event flag enable on double-pulse event on Z-axis.
0: Event detection disabled
1: Raise event flag on detection of double-pulse event on Z-axis
pls_zspefe
Event flag enable on single-pulse event on Z-axis.
0: Event detection disabled
1: Raise event flag on detection of single-pulse event on Z-axis
pls_ydpefe
Event flag enable on double-pulse event on Y-axis.
0: Event detection disabled
1: Raise event flag on detection of double-pulse event on Y-axis
pls_yspefe
Event flag enable on single-pulse event on Y-axis.
0: Event detection disabled
1: Raise event flag on detection of single-pulse event on Z-axis.
pls_xdpefe
Event flag enable on double-pulse event on X-axis.
0: Event detection disabled
1: Raise event flag on detection of double-pulse event on X-axis.
pls_xspefe
Event flag enable on single-pulse event on X-axis.
0: Event detection disabled
1: Raise event flag on detection of single-pulse event on X-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com