Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8471Q Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 60Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 61Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 62Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 63Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 64Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 65Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 66Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 67Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
FXLS8471Q
Sensors
64
Freescale Semiconductor, Inc.
Therefore an ODR setting of 400 Hz, when accelerometer OSR is set to normal using CTRL_REG2, would result in a maximum
pulse-time limit of (0.625 ms * 255)
= 159 ms.
10.11.7
PULSE_LTCY (0x27) register
Minimum time step for the pulse latency is defined in Tables 134 and 135. Maximum time is “(time step @ ODR and power mode)
x 255”.
Table 131. Time step for PULSE_TMLT with HP_FILTER_CUTOFF[pls_hpf_en] = 0
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.159
0.159
0.159
0.159
0.625
0.625
0.625
0.625
400
0.159
0.159
0.159
0.319
0.625
0.625
0.625
1.25
200
0.319
0.319
0.159
0.638
1.25
1.25
0.625
2.5
100
0.638
0.638
0.159
1.28
2.5
2.5
0.625
5
50
1.28
1.28
0.159
2.55
5
5
0.625
10
12.5
1.28
5.1
0.159
10.2
5
20
0.625
40
6.25
1.28
5.1
0.159
10.2
5
20
0.625
40
1.56
1.28
5.1
0.159
10.2
5
20
0.625
40
Table 132. PULSE_LTCY register
pls_ltcy[7:0]
8’b00000000
Table 133. PULSE_LTCY bit description
Field
Description
pls_ltcy[7:0]
pls_ltcy[7:0] defines the time interval that starts after the first pulse detection where the pulse-detection function ignores
the start of a new pulse.
Table 134. Time step for PULSE_LTCY with HP_FILTER_CUTOFF[pls_hpf_en] = 1
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
400
1.276
1.276
1.276
1.276
5
5
5
5
200
2.56
2.56
1.276
2.56
10
10
5
10
100
5.1
5.1
1.276
5.1
20
20
5
20
50
10.2
10.2
1.276
10.2
40
40
5
40
12.5
10.2
40.8
1.276
40.8
40
160
5
160
6.25
10.2
40.8
1.276
81.6
40
160
5
320
1.56
10.2
40.8
1.276
81.6
40
160
5
320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com