Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8471Q Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 41Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 42Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 43Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 44Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 45Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 46Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 47Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 48Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
45
10.7
Portrait/Landscape Detection
The FXLS8471Q is capable of detecting six orientations: Landscape Left, Landscape Right, Portrait Up, and Portrait Down with
Z-lockout feature as well as Face Up and Face Down orientation as shown in Figures 13, 14 and 15. For more details on the
meaning of the different user-configurable settings and for example code, please refer to Freescale application note AN4068.
Figure 13. Illustration of Z-tilt angle lockout transition
.
Figure 14. Illustration of landscape to portrait transition
.
Figure 15. Illustration of portrait to landscape transition
NORMAL
90
°
Z-LOCK = 32.142°
0°
DETECTION
LOCKOUT
REGION
Portrait
Landscape to Portrait
90
°
Trip Angle = 60
°
0° Landscape
Portrait
Portrait to Landscape
90
°
Trip Angle = 30
°
0° Landscape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com