Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8471Q Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 39Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 40Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 41Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 42Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 43Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 44Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 45Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 46Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
43
10.5
Sensor data configuration
10.5.1
XYZ_DATA_CFG (0x0E) register
The XYZ_DATA_CFG register is used to configure the desired acceleration full-scale range, and also to select whether the output
data is passed through the high-pass filter.
10.6
High-Pass filter
10.6.1
HP_FILTER_CUTOFF (0x0F) register
High-pass filter cutoff frequency setting register.
Table 54. XYZ_DATA_CFG register
—
—
—
hpf_out
—
—
fs[1:0]
000000
0
Table 55. XYZ_DATA_CFG bit descriptions
Field
Description
hpf_out
Enable high-pass filter on acceleration output data
1: Output data is high-pass filtered
0: High-pass filter is disabled.
fs[1:0]
Accelerometer full-scale range selection. See Table 56
Table 56.
fs[1]
fs[0]
Full-Scale range
0
0
±0.244 mg/LSB
0
1
±0.488 mg/LSB
1
0
±0.976 mg/LSB
11
Reserved
Table 57. HP_FILTER_CUTOFF register
—
—
pulse_hpf_byp
pulse_lpf_en
—
—
sel[1:0]
000000
0
Table 58. HP_FILTER_CUTOFF bit descriptions
Field
Description
pulse_hpf_byp
Bypass high-pass filter for pulse processing function
0: HPF enabled for pulse processing
1: HPF bypassed for pulse processing
pulse_lpf_en
Enable low-pass filter for pulse processing function
0: LPF disabled for pulse processing
1: LPF enabled for pulse processing
sel[1:0]
HPF cutoff frequency selection
See Table 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com