| Electronic Components Datasheet Search |
|
PCM3168APAPR Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM3168APAPR Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 66 page ![]() MS MC MDI X (1) '1' ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 ADR0 Don'tCare(X) R/ W ADR6 MDO Hi-Z Hi-Z D7 D6 D5 D4 D3 D2 D1 D0 MS MC MDI X (1) '0' ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 ADR0 D7 D6 D5 D4 D3 D2 D1 D0 X X R/ W ADR6 ADR6 R/W RegisterAddress RegisterData ADR5 ADR4 ADR3 ADR2 ADR1 ADR0 D7 D6 D5 D4 D3 D2 D1 D0 MSB LSB PCM3168A www.ti.com SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016 9.3.11 Control Data Word Format All single write/read operations through the serial control port use 16-bit data words. Figure 40 shows the control data word format. The first bit is for read/write controls; 0 indicates a write operation and 1 indicates a read operation. Following the first bit are seven other bits, labeled ADR[6:0] that set the register address for the write/read operation. The eight least significant bits (LSBs), D[7:0] on MDI or MDO, contain the data to be written to the register specified by ADR[6:0], or the data read from the register specified by ADR[6:0]. Figure 40. Control Data Word Format for MDI 9.3.12 Register Write Operation Figure 41 shows the functional timing diagram for single write operations on the serial control port. MS is held at a high state until a register must be written. To start the register write cycle, MS is set to a low state. 16 clocks are then provided on MC, corresponding to the 16 bits of the control data word on MDI. After the 16th clock cycle has been completed, MS is set high to latch the data into the indexed mode control register. Also, the PCM3168A device supports multiple write operations in addition to single write operations, which can be performed by sending the following N-times of the 8-bit register data after the first 16-bit register address and register data while keeping the MC clocks and MS at a low state. Closing a multiple write operation can be accomplished by setting MS to a high state. (1) X = Don't care Figure 41. Register Write Operation 9.3.13 Register Read Operation Figure 42 shows the functional timing diagram for single read operations on the serial control port. MS is held at a high state until a register must be read. To start the register read cycle, MS is set to a low state. 16 clocks are then provided on MC, corresponding to the first eight bits of the control data word on MDI and the second eight bits of the read-back data word from MDO. After the 16th clock cycle has been completed, MS is held high for the next write or read operation. MDO remains in a high impedance state except during the eight MC clock periods of the actual data transfer. (1) X = Don't care Figure 42. Register Read Operation Copyright © 2008–2016, Texas Instruments Incorporated Submit Documentation Feedback 29 Product Folder Links: PCM3168A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |