Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3168APAPR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 57 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 53Page - Texas Instruments PCM3168APAPR Datasheet HTML 54Page - Texas Instruments PCM3168APAPR Datasheet HTML 55Page - Texas Instruments PCM3168APAPR Datasheet HTML 56Page - Texas Instruments PCM3168APAPR Datasheet HTML 57Page - Texas Instruments PCM3168APAPR Datasheet HTML 58Page - Texas Instruments PCM3168APAPR Datasheet HTML 59Page - Texas Instruments PCM3168APAPR Datasheet HTML 60Page - Texas Instruments PCM3168APAPR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
1 F
10 F
+3.3V
Top Layer Ground Pour and PowerPad
Top Layer Signal Traces
Pad to top layer ground pour
PCM3168
See Mode Pin in Layout
Guidelines for configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
21
22
23
24
25
26
27
28
37
38
39
40
41
42
43
44
45
46
47
48
53
54
55
56
57
58
59
60
61
62
63
64
10 F
+3.3V
1 F
10 F
MODE
DGND1
VDD1
MS,ADR0,MD0
MDO,ADR1,MD1
MDI,SDA,DEMP
MC,SCL,FMT
SCKI
DIN4
DIN3
DIN2
DIN1
VCOMAD
AGNDAD2
VCCAD2
RST
OVF
LRCKAD
BCKAD
DOUT1
DOUT2
DOUT3
DGND2
VDD2
Analog Inputs
PCM Audio
Output
Interface
Analog Outputs
Serial and
Hardware
Control
Interface
PCM Audio
Input
Interface
15
16
17
18
19
20
29
30
31
32
34
35
36
33
50
51
52
49
ZERO
VCCDA1
VCOMDA
AGNDDA1
BCKDA
LRCKDA
VCCDA2
AGNDDA2
1 F
10 F
+5V
1 F
10 F
+5V
10 F
+
10 F
+
10 F
+ +
Analog Inputs
1 F
10 F
+5V
1 F
10 F
+5V
Resistors on PCM audio interfaces are for
reducing reflections of high frequency
signals if needed. These resistors should
be between 22 Q v 100 Q
It is recommended to place a top layer ground pour for
shielding around PCM3168 and connect to lower main PCB
ground plane by multiple vias
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
12.2 Layout Example
Figure 64. PCM3168A Board Layout
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com