Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360R Datasheet(PDF) 163 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 163 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 158Page - Cypress Semiconductor MB9B360R Datasheet HTML 159Page - Cypress Semiconductor MB9B360R Datasheet HTML 160Page - Cypress Semiconductor MB9B360R Datasheet HTML 161Page - Cypress Semiconductor MB9B360R Datasheet HTML 162Page - Cypress Semiconductor MB9B360R Datasheet HTML 163Page - Cypress Semiconductor MB9B360R Datasheet HTML 164Page - Cypress Semiconductor MB9B360R Datasheet HTML 165Page - Cypress Semiconductor MB9B360R Datasheet HTML 166Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 163 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 163 of 166
MB9B360R Series
15. Major Changes
Spansion Publication Number: DS709-00003-1v0-E
Page
Section
Change Results
-
-
Preliminary → Data Sheet
1
Description
Deleted the following description :
The products which are described in this data sheet are placed into
TYPE4 product categories in "FM4
Family PERIPHERAL MANUAL".
3
Features
[Usb Function]
Added the following description :
・The size of each endpoint is according to the follows.
- Endpoint 0, 2 to 5 : 64bytes
- Endpoint 1 : 256bytes
3
Features
Multi-Function Serial Interface
[I
2c]
Revised the following description :
Fast mode Plus (Fm+) (Max 1000 kbps, only for ch.3 and ch.7)
supported
→Fast mode Plus (Fm+) (Max 1000 kbps, only for ch.3=ch.A and
ch.7=ch.B) supported
7
Features
Unique Id
Added new section
9
Product Lineup
Function
Added “Unique ID”
51, 52
I/O Circuit Type
Revised th
e remarks of “Type O, P, Q”
59
Handling Devices
Handling When Using Debug Pins
Added new section
60
Block Diagram
Revised the block diagram
74
Electrical Characteristics
2. Recommended Operating Conditions
Revised “Table for package thermal resistance and maximum
permissible power”
77 to 82
Electrical Characteristics
3. Dc Characteristics
(1) Current Rating
• Revised the value of TBD
• Added the note to “ICCVBAT”
87
Electrical Characteristics
4. Ac Characteristics
(2) Sub Clock Input Characteristics
Revised the waveform chart
87
Electrical Characteristics
4. Ac Characteristics
(3) Built-In Cr Oscillationcharacteristics
• Revised the value of TBD
• Revised the table and the note of “Built-in High-speed CR”
146
Electrical Characteristics
5. 12-Bit A/D Converter
・Electrical Characteristics For The A/D Converter
• Revised the value of TBD
• Revised the condition of the electrical characteristics table
149
Electrical Characteristics
6. 12-Bit D/A Converter
・Electrical Characteristics For The D/A Converter
• Revised the value of TBD
• Revised the condition and Remarks of the electrical characteristics
table
156
Electrical Characteristics
11. Standby Recovery Time
(1) Recovery Cause: Interrupt/Wkup
• Revised the value of TBD
• Revised the table of Recovery count time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com