Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62/12615-01XE-R Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 6 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 2Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 3Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 4Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 5Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 6Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 7Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 8Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 9Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
List of Tables
2-1
Serial Management Interface
................................................................................................... 12
2-2
MAC Data Interface
.............................................................................................................. 12
2-3
Clock Interface
.................................................................................................................... 13
2-4
LED Interface
..................................................................................................................... 14
2-5
JTAG Interface
.................................................................................................................... 14
2-6
Reset and Power Down
......................................................................................................... 14
2-7
Strap Options
..................................................................................................................... 15
2-8
10 Mb/s and 100 Mb/s PMD Interface
......................................................................................... 16
2-9
Special Connections
............................................................................................................. 16
2-10
Power Supply Pins
............................................................................................................... 16
4-1
Auto-Negotiation Modes
......................................................................................................... 37
4-2
PHY Address Mapping
.......................................................................................................... 39
4-3
LED Mode Select
................................................................................................................. 41
5-1
Supported Packet Sizes at ±50ppm and ±100ppm for Each Clock
....................................................... 45
5-2
Typical MDIO Frame Format
................................................................................................... 47
6-1
4B5B Code-Group Encoding or Decoding
.................................................................................... 49
7-1
25 MHz Oscillator Specification
................................................................................................ 59
7-2
50 MHz Oscillator Specification
................................................................................................ 59
7-3
25 MHz Crystal Specification
................................................................................................... 60
9-1
Register Map
...................................................................................................................... 64
9-2
Register Table
.................................................................................................................... 65
9-3
Basic Mode Control Register (BMCR), Address 0x00
....................................................................... 68
9-4
Basic Mode Status Register (BMSR), Address 0x01
........................................................................ 69
9-5
PHY Identifier Register #1 (PHYIDR1), Address 0x02
...................................................................... 70
9-6
PHY Identifier Register #2 (PHYIDR2), Address 0x03
...................................................................... 70
9-7
Negotiation Advertisement Register (ANAR), Address 0x04
............................................................... 71
9-8
Auto-Negotiation Link Partner Ability Register (ANLPAR) (BASE Page), Address 0x05
............................... 72
9-9
Auto-Negotiation Link Partner Ability Register (ANLPAR) (Next Page), Address 0x05
................................. 72
9-10
Auto-Negotiate Expansion Register (ANER), Address 0x06
............................................................... 73
9-11
Auto-Negotiation Next Page Transmit Register (ANNPTR), Address 0x07
.............................................. 74
9-12
PHY Status Register (PHYSTS), Address 0x10
............................................................................. 74
9-13
MII Interrupt Control Register (MICR), Address 0x11
....................................................................... 76
9-14
MII Interrupt Status and Miscellaneous Control Register (MISR), Address 0x12
........................................ 77
9-15
False Carrier Sense Counter Register (FCSCR), Address 0x14
.......................................................... 78
9-16
Receiver Error Counter Register (RECR), Address 0x15
................................................................... 78
9-17
100 Mb/s PCS Configuration and Status Register (PCSR), Address 0x16
............................................... 78
9-18
RMII and Bypass Register (RBR), Addresses 0x17
......................................................................... 79
9-19
LED Direct Control Register (LEDCR), Address 0x18
...................................................................... 80
9-20
PHY Control Register (PHYCR), Address 0x19
.............................................................................. 80
9-21
10Base-T Status/Control Register (10BTSCR), Address 0x1A
............................................................ 82
9-22
CD Test and BIST Extensions Register (CDCTRL1), Address 0x1B
..................................................... 83
9-23
Energy Detect Control (EDCR), Address 0x1D
.............................................................................. 83
6
List of Tables
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com