Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 102 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 98Page - Texas Instruments TNETX3150 Datasheet HTML 99Page - Texas Instruments TNETX3150 Datasheet HTML 100Page - Texas Instruments TNETX3150 Datasheet HTML 101Page - Texas Instruments TNETX3150 Datasheet HTML 102Page - Texas Instruments TNETX3150 Datasheet HTML 103Page - Texas Instruments TNETX3150 Datasheet HTML 104Page - Texas Instruments TNETX3150 Datasheet HTML 105Page - Texas Instruments TNETX3150 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
102
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating conditions (see Figure 43)
EEPROM interface
NO
PARAMETER
TNETX3150
TNETX3150A
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fclock (ECLK)
Clock frequency, ECLK
98
98
kHz
1
td (ECLKH–EDIOL)
Delay time, from ECLK
↑ to EDIO↓ (see Note 13)
5
5
µs
2
td (EDIOL–ECLKL)
Delay time, from EDIO
↓ to ECLK↓ (see Note 13)
5
5
µs
3
td (ECLKL–EDIOX)
Delay time, from ECLK
↓ to EDIO changing (see Note 14)
0
0
µs
4
td (EDIOV–ECLKH)
Delay time, from EDIO valid output to ECLK
0
0
µs
5
td (ECLKL–EDIOV)
Delay time, from ECLK
↓ to EDIO valid
0
0
µs
6
td (ECLKL–EDIOX)
Delay time, from ECLK
↓ to EDIO changing (see Note 15)
0
0
µs
7
td (ECLKH–EDIOX)
Delay time, from ECLK
↑ to EDIO invalid
5
5
µs
8
td (EDIOV–ECLKH)
Delay time, from EDIO valid input to ECLK
10
10
µs
NOTES: 13. This is a start condition delay time during ECLK high.
14. This is a changing-data condition delay time for output EDIO.
15. This is a changing-data condition delay time for input EDIO.
7
ECLK
(output)
EDIO
(output)
EDIO
(input)
1
2
5
6
3
4
8
VALID
VALID
VALID
VALID
Figure 43. EEPROM Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com