Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 104 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 100Page - Texas Instruments TNETX3150 Datasheet HTML 101Page - Texas Instruments TNETX3150 Datasheet HTML 102Page - Texas Instruments TNETX3150 Datasheet HTML 103Page - Texas Instruments TNETX3150 Datasheet HTML 104Page - Texas Instruments TNETX3150 Datasheet HTML 105Page - Texas Instruments TNETX3150 Datasheet HTML 106Page - Texas Instruments TNETX3150 Datasheet HTML 107Page - Texas Instruments TNETX3150 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
104
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating conditions (see Figure 45)
MII transmit 100/200 Mbit/s (XX = ports 00–02)
NO
PARAMETER
TNETX3150
TNETX3150A
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1
td(MXXTXD)1
Delay time, from MXXTCLK
↑ to MXXTXD3–MXXTXD0 valid
5
25
2.5
25
ns
1†
td(MXXTXD)2
Delay time, from MXXTCLK
↑ to MXXTXD7–MXXTXD0 valid
5
25
2.5
25
ns
1
td(MXXTXEN)
Delay time, from MXXTCLK
↑ to MXXTXEN valid
5
25
2.5
25
ns
1
td(MXXTXER)
Delay time, from MXXTCLK
↑ to MXXTXER valid
5
25
2.5
25
ns
† Also applies to the uplink (port 00) when operating in the 200 Mbit/s mode, except that MXXRXD3–MXXRXD0 is replaced with
MXXRXD7–MXXRXD0 and MXXRXDVX is used.
MXXTXD3–MXXTXD0 is driven by the reconciliation sublayer synchronous to the MXXTCLK. MXXTXEN is
asserted and deasserted by the reconciliation sublayer synchronous to the MXXTCLK rising edge. MXXTXER
is driven synchronous to the rising edge of MXXTCLK (XX = ports 00–02).
MXXTCLK
(input)
MXXTXD7–MXXTXD0
MXXTXD3–MXXTXD0
MXXTXEN
MXXTXER (outputs)
1
Figure 45. Ports (00–02) Transmit Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com