Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6344 Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  PM6344 Datasheet HTML 1Page - PMC-Sierra, Inc PM6344 Datasheet HTML 2Page - PMC-Sierra, Inc PM6344 Datasheet HTML 3Page - PMC-Sierra, Inc PM6344 Datasheet HTML 4Page - PMC-Sierra, Inc PM6344 Datasheet HTML 5Page - PMC-Sierra, Inc PM6344 Datasheet HTML 6Page - PMC-Sierra, Inc PM6344 Datasheet HTML 7Page - PMC-Sierra, Inc PM6344 Datasheet HTML 8Page - PMC-Sierra, Inc PM6344 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
ii
8.16
MICROPROCESSOR INTERFACE (MPIF) ........................................................47
9
REGISTER DESCRIPTION .............................................................................................48
10
NORMAL MODE REGISTER DESCRIPTION.................................................................52
10.1
SIGX INDIRECT REGISTERS 96 (60H) - 127 (7FH) - SEGMENT 4: TYPICAL
PER-TIMESLOT CONFIGURATION AND SIGNALING TRUNK ......................156
10.2
REGISTERS 049-04FH, 0C9H-0CFH, 149H-14FH, 1C9H-1CFH: LATCHING
PERFORMANCE DATA.....................................................................................168
11
TEST FEATURES DESCRIPTION ................................................................................176
11.1
TEST MODE 0 ..................................................................................................176
12
FUNCTIONAL TIMING...................................................................................................180
12.1
RECEIVE BACKPLANE INTERFACE...............................................................182
13
OPERATION ..................................................................................................................191
13.1
USING THE INTERNAL FDL TRANSMITTER .................................................192
13.2
USING THE INTERNAL FDL RECEIVER.........................................................194
13.3
USING THE LOOPBACK MODES....................................................................201
13.3.1 PAYLOAD LOOPBACK ........................................................................202
13.3.2 LINE LOOPBACK ................................................................................203
13.3.3 DIAGNOSTIC DIGITAL LOOPBACK ...................................................203
13.4
USING THE PER-CHANNEL SERIAL CONTROLLERS ..................................204
13.4.1 INITIALIZATION ...................................................................................204
13.4.2 DIRECT ACCESS MODE ....................................................................205
13.4.3 INDIRECT ACCESS MODE ................................................................205
13.5
USING THE DIGITAL JITTER ATTENUATOR ..................................................206
13.5.1 DEFAULT APPLICATION .....................................................................206
13.5.2 DATA BURST APPLICATION ...............................................................206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com