Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6344 Datasheet(PDF) 82 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 82 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 78Page - PMC-Sierra, Inc PM6344 Datasheet HTML 79Page - PMC-Sierra, Inc PM6344 Datasheet HTML 80Page - PMC-Sierra, Inc PM6344 Datasheet HTML 81Page - PMC-Sierra, Inc PM6344 Datasheet HTML 82Page - PMC-Sierra, Inc PM6344 Datasheet HTML 83Page - PMC-Sierra, Inc PM6344 Datasheet HTML 84Page - PMC-Sierra, Inc PM6344 Datasheet HTML 85Page - PMC-Sierra, Inc PM6344 Datasheet HTML 86Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
69
dual-rail inputs, which bypass the TRAN and input directly into the jitter
attenuator. It is expected that the framing bits be already inserted into the
dual-rail streams before they are input on BTDP[x] and BTDN[x]. When
BTX2RAIL is set to logic 0, the multifunction pins become the BTPCM[x] and
BTSIG[x] digital inputs.
BTXMFP:
The BTXMFP bit selects the type of backplane frame alignment signal
presented to the transmitter BTFP[x] input. When BTXMFP is set to logic 1,
BTFP[x] must be brought high to mark bit 1 of frame 1 of every 16 frame
signaling multiframe and brought low following bit 1 of frame 1 of every 16
frame CRC multiframe. This mode allows both multiframe alignments to be
independently controlled using the single BTFP[x] signal. Note that if the
signaling and CRC multiframe alignments are coincident, BTFP[x] must pulse
high for 1 BTCLK[x] cycle at a multiple of 16 frames. When BTXMFP is set to
logic 0, a rising edge on the BTFP[x] indicates the first bit in each frame.
When the multiplexed transmit backplane is selected (MENB is low), the
BTXMFP bit must be set to the same value in all four quadrants of the
EQUAD. The MTFP pin is used in a similar way as BTFP[x] but is only
sampled on the clock cycles corresponding to the first multiplexed PCM
stream (destined for transmitter number one). MTFP must be brought high to
mark bit 1 of frame 1 of the first multiplexed PCM stream (destined for
transmitter number one) of every 16 frame signaling multiframe and brought
low following bit 1 of frame 1 of the first multiplexed PCM stream of every 16
frame CRC multiframe. All four interfaces will have the same frame alignment.
Upon reset of the EQUAD, these bits are cleared to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com