Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6344 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 29Page - PMC-Sierra, Inc PM6344 Datasheet HTML 30Page - PMC-Sierra, Inc PM6344 Datasheet HTML 31Page - PMC-Sierra, Inc PM6344 Datasheet HTML 32Page - PMC-Sierra, Inc PM6344 Datasheet HTML 33Page - PMC-Sierra, Inc PM6344 Datasheet HTML 34Page - PMC-Sierra, Inc PM6344 Datasheet HTML 35Page - PMC-Sierra, Inc PM6344 Datasheet HTML 36Page - PMC-Sierra, Inc PM6344 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
20
Pin Name
Type
Pin No.
Function
BTPCM[1]
BTPCM[2]
BTPCM[3]
BTPCM[4]/
Input
61
62
63
64
Backplane Transmit PCM (BTPCM[4:1]). The non-
return to zero, digital data streams to be transmitted are
input on these pins when the backplane is configured for
non-multiplexed single-rail input. The BTPCM[x] signal is
sampled on the rising edge of the associated BTCLK[x].
BTDP[1]
BTDP[2]
BTDP[3]
BTDP[4]
Backplane Transmit Positive Line Pulse (BTDP[4:1]).
The positive pulse of the dual-rail signals to be
transmitted is input on these pins when the backplane is
configured for non-multiplexed dual-rail input. In dual-
rail input mode, the BTDP[x] input by-passes the
transmitter and is fed directly into the DJAT. BTDP[x] is
sampled on the rising edge of the associated BTCLK[x].
MTD
Multiplexed Transmit Data (MTD). MTD shares a pin
with BTPCM[1]. BTPCM[4:2] are unused when the
multiplex enable (MENB) input is asserted low. When
the multiplex enable (MENB) input is asserted low, the
four sets of PCM and signaling streams are expected in
a single bit interleaved 16.384 Mbit/s serial stream.
Frame alignment is indicated by MTFP. MTD is sampled
on the rising edge of MTCLK.
BTSIG[1]
BTSIG[2]
BTSIG[3]
BTSIG[4]
Input
65
66
67
68
Backplane Transmit Signaling (BTSIG[4:1]). The
BTSIG[4:1] input signals contain the signaling bits for
each channel in the transmit data frame, repeated for
the entire superframe. Each signal is input on the
BTSIG[x] pin when the backplane is configured for non-
multiplexed single-rail input. Each channel's signaling
bits are in bit locations 5,6,7,8 of the channel and are
channel-aligned with the BTPCM[x] data stream.
BTSIG[x] is sampled on the rising edge of the
associated BTCLK[x].
If frame alignment is not required, BTFP[x] may be tied
to power or ground.
BTDN[1]
BTDN[2]
BTDN[3]
BTDN[4]
Backplane Transmit Negative Line Pulse (BTDN[4:1]).
The negative pulse of the dual-rail signal to be
transmitted is input on these pins when the backplane is
configured for non-multiplexed dual-rail input. In dual-
rail input mode, the BTDN[x] input by-passes the
transmitter and is fed directly into the DJAT. BTDN[x] is
sampled on the rising edge of the associated BTCLK[x].
These inputs are unused when the multiplex enable
(MENB) input is asserted low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com