Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6344 Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 33Page - PMC-Sierra, Inc PM6344 Datasheet HTML 34Page - PMC-Sierra, Inc PM6344 Datasheet HTML 35Page - PMC-Sierra, Inc PM6344 Datasheet HTML 36Page - PMC-Sierra, Inc PM6344 Datasheet HTML 37Page - PMC-Sierra, Inc PM6344 Datasheet HTML 38Page - PMC-Sierra, Inc PM6344 Datasheet HTML 39Page - PMC-Sierra, Inc PM6344 Datasheet HTML 40Page - PMC-Sierra, Inc PM6344 Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
24
Pin Name
Type
Pin No.
Function
TDN[1]
TDN[2]
TDN[3]
TDN[4] /
Output
16
23
26
29
Transmit Digital Negative Line Pulse (TDN[4:1] ). These
signals are available on the output when the EQUAD is
configured to transmit dual-rail data. The TDN[x] signal
can be formatted for either RZ or NRZ waveforms, and
can be enabled to be updated on the rising or falling
edge of the associated TCLKO[x].
TFLG[1]
TFLG[2]
TFLG[3]
TFLG[4]
Transmit FIFO Flag (TFLG[4:1] ). These signals are
available when configured to transmit single-rail data.
The TFLG[x] output indicates when the transmit rate
conversion FIFO in DJAT is nearing an empty or a full
condition. Either indication may be selected. This
output may be enabled to be updated on the rising or
falling edge of the associated TCLKO[x].
TCLKI[1]
TCLKI[2]
TCLKI[3]
TCLKI[4]
Input
77
78
79
80
Transmit Clock Input (TCLKI[x]). This input signal is
used to generate the TCLKO[x] clock signal. Depending
upon the configuration of the EQUAD, TCLKO[x] may be
derived directly from TCLKI[x] by dividing TCLKI[x] by 8,
or TCLKO[x] may be derived from TCLKI[x] after jitter
attenuation. If TCLKI[x] is jitter-free when divided down
to 8 kHz, then it is possible to derive TCLKO[x] from
TCLKI[x] when TCLKI[x] is a multiple of 8 kHz (i.e. Nx8
kHz, for N equals 1 to 256). The EQUAD may be
configured to ignore the TCLKI[x] input and utilize
BTCLK[x] or RCLKO[x] instead. RCLKO[x] is also
substituted for TCLKI[x] if line loopback is enabled.
XCLK/
Input
60
Crystal Clock Input (XCLK). This signal provides timing
for many portions of the EQUAD. Depending on the
configuration of the EQUAD, XCLK is nominally a
49.152 MHz or 16.384 MHz 50% duty cycle clock.
When transmit clock generation or jitter attenuation is
not required, XCLK may be driven with a 16.384 MHz
clock. When transmit clock generation or jitter
attenuation is required, XCLK must be driven with a
49.152 MHz clock.
VCLK
Vector Clock (VCLK). The VCLK signal is used during
EQUAD production test to verify internal functionality.
INTB
Output
58
Active low open-drain Interrupt signal (INTB). This
signal goes low when an unmasked interrupt event is
detected on any of the internal interrupt sources,
including the internal HDLC transceiver. Note that INTB
will remain low until all active, unmasked interrupt
sources are acknowledged at their source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com