Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6344 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 49Page - PMC-Sierra, Inc PM6344 Datasheet HTML 50Page - PMC-Sierra, Inc PM6344 Datasheet HTML 51Page - PMC-Sierra, Inc PM6344 Datasheet HTML 52Page - PMC-Sierra, Inc PM6344 Datasheet HTML 53Page - PMC-Sierra, Inc PM6344 Datasheet HTML 54Page - PMC-Sierra, Inc PM6344 Datasheet HTML 55Page - PMC-Sierra, Inc PM6344 Datasheet HTML 56Page - PMC-Sierra, Inc PM6344 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
40
frame within a signaling multiframe and buffered. The SIGX selectively
debounces the bits, and serializes the results onto the 2048 kbit/s serial stream
BRSIG[x] output. Buffered signaling data is aligned with its associated voice
timeslot in the E1 frame.
The SIGX provides user control over signaling freezing with a 95% confidence
level of freezing with valid signaling data for a 50% ones density out-of-frame
condition. The SIGX also provides control over timeslot data inversion, trunk
conditioning, and signaling debounce on a per-timeslot basis directly, via the
Microprocessor Interface (MPIF).
8.8
Backplane Receive Interface (BRIF)
The Backplane Receive Interface allows data to be presented to a backplane in
either a 2.048 Mbit/s or a 16.384 Mbit/s serial stream and allows BPV
transparency by outputting dual-rail data at 2.048 Mbit/s.
The block generates the output data stream on the BRPCM[x] pin containing 32
timeslot bytes of data. The BRSIG[x] output pin contains 30 bytes of signaling
nibble data located in the least significant nibble of each byte. The framing
alignment indication on the BRFPO[x] pin can be configured to indicate the first
bit of each 256-bit frame, the first bit of the first frame of the CRC multiframe, the
first bit of the first frame of the signaling multiframe or all overhead bits.
When configured for a multiplexed backplane, the four sets of PCM and signaling
streams are bit interleaved into a 16.384 Mbit/s serial stream. The MRFPI pin
must go to logic "1" for one MRCLK cycle to indicate the alignment of the first
PCM bit of the frame or multiframe from receiver number one.
8.9
Transmitter (TRAN)
The Transmitter function is provided by the TRAN block.
The TRAN generates a 2048 kbit/s data stream according to ITU-T
recommendations, providing individual enables for frame generation, CRC
multiframe generation, and channel associated signaling (CAS) multiframe
generation.
In concert with Transmit Per-Channel Serial Controller (TPSC), the TRAN block
provides per-timeslot control of idle code substitution, data inversion, digital
milliwatt substitution, selection of the signaling source and CAS data. All
timeslots can be forced into a trunk conditioning state (idle code substitution and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com