Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6344 Datasheet(PDF) 46 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 46 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 42Page - PMC-Sierra, Inc PM6344 Datasheet HTML 43Page - PMC-Sierra, Inc PM6344 Datasheet HTML 44Page - PMC-Sierra, Inc PM6344 Datasheet HTML 45Page - PMC-Sierra, Inc PM6344 Datasheet HTML 46Page - PMC-Sierra, Inc PM6344 Datasheet HTML 47Page - PMC-Sierra, Inc PM6344 Datasheet HTML 48Page - PMC-Sierra, Inc PM6344 Datasheet HTML 49Page - PMC-Sierra, Inc PM6344 Datasheet HTML 50Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
33
2. Check that the FAS is absent in the following frame by verifying that bit 2 of
the assumed timeslot 0 byte is a logic 1;
3. Check that the correct 7-bit FAS is present in the assumed timeslot 0 byte of
the next frame.
If either of the conditions in steps 2 or 3 are not met, a new search for frame
alignment is initiated in the bit immediately following the errored timeslot 0 byte
location.
The second algorithm is similar to the first, but adds a one frame "hold-off" in
step 2 to begin a new search in the bit immediately following the second 7-bit
FAS that is checked. This "hold-off" is performed only after the condition in step
2 fails, providing a more robust algorithm which allows the framer to operate
correctly in the presence of fixed timeslot data imitating the FAS pattern.
A check sequence can be added to either algorithm to verify correct frame
alignment in the presence of random imitative FASs. Note that this check
sequence should be enabled when monitoring an unframed 215 -1 pseudo
random sequence to avoid framing to the single mimic framing pattern contained
in the sequence. The check consists of verifying correct frame alignment for an
additional two frames, as follows:
1. Once frame alignment (in frame "n") is determined, check that the FAS is
absent in the following frame (frame "n+1") by verifying that bit 2 of timeslot 0
is a logic 1;
2. Then, check that the correct 7-bit FAS is present in timeslot 0 of the next
frame (frame "n+2").
If either of the two conditions in the check sequence are not met, a new search
for frame alignment is initiated in the bit immediately following the errored byte
location when using the first algorithm, and is initiated in the bit immediately
following the byte location in frame "n+2" when using the second algorithm.
These algorithms are illustrated in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com