Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6344 Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 72Page - PMC-Sierra, Inc PM6344 Datasheet HTML 73Page - PMC-Sierra, Inc PM6344 Datasheet HTML 74Page - PMC-Sierra, Inc PM6344 Datasheet HTML 75Page - PMC-Sierra, Inc PM6344 Datasheet HTML 76Page - PMC-Sierra, Inc PM6344 Datasheet HTML 77Page - PMC-Sierra, Inc PM6344 Datasheet HTML 78Page - PMC-Sierra, Inc PM6344 Datasheet HTML 79Page - PMC-Sierra, Inc PM6344 Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
63
Register 003H, 083H, 103H, 183H: Receive Interface Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
BPV
0
Bit 4
R/W
RDNINV
0
Bit 3
R/W
RDPINV
0
Bit 2
R/W
RUNI
0
Bit 1
R/W
RFALL
0
Bit 0
Unused
X
This register enables the Receive Interface to handle the various input waveform
formats.
BPV:
The BPV bit enables only bipolar violations to indicate line code violations
and be accumulated in the PMON LCV Count Registers. When BPV is set to
logic 1, BPVs (which are not part of a valid HDB3 signature if HDB3 line
coding is used) generate an LCV indication and increment the PMON LCV
counter. When BPV is set to logic 0, both BPVs (which are not part of a valid
HDB3 signature if HDB3 line coding is used) and excessive zeros generate
an LCV indication and increment the PMON LCV counter. Excessive zeros is
a sequence of zeros greater than 3 bits long for both AMI and HDB3 encoded
signals.
RDPINV,RDNINV:
The RDPINV and RDNINV bits enable the Receive Interface to logically invert
the signals received on multifunction pins RDP/RDD[x] and RDN/RLCV[x],
respectively. When RDPINV is set to logic 1, the interface inverts the signal on
the RDP/RDD[x] input. When RDPINV is set to logic 0, the interface passes
the RDP/RDD[x] signal unaltered. When RDNINV is set to logic 1, the
interface inverts the signal on the RDN/RLCV[x] input. When RDNINV is set
to logic 0, the interface passes the RDN/RLCV[x] signal unaltered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com