Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6344 Datasheet(PDF) 75 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 75 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 71Page - PMC-Sierra, Inc PM6344 Datasheet HTML 72Page - PMC-Sierra, Inc PM6344 Datasheet HTML 73Page - PMC-Sierra, Inc PM6344 Datasheet HTML 74Page - PMC-Sierra, Inc PM6344 Datasheet HTML 75Page - PMC-Sierra, Inc PM6344 Datasheet HTML 76Page - PMC-Sierra, Inc PM6344 Datasheet HTML 77Page - PMC-Sierra, Inc PM6344 Datasheet HTML 78Page - PMC-Sierra, Inc PM6344 Datasheet HTML 79Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
62
RDLEOME:
The RDLEOME bit enables the RFDL end-of-message interrupt to also
generate an interrupt on the microprocessor interrupt, INTB. This allows a
single microprocessor to service the RFDL without needing to interface to the
DMA control signals. When RDLEOME is set to logic 1, an end-of-message
event causing an EOM interrupt in the RFDL (which is visible on the
RDLEOM output pin when RXDMASIG is logic 1) also causes an interrupt to
be generated on the INTB output. When RDLEOME is set to logic 0, an EOM
interrupt event in the RFDL does not cause an interrupt on INTB. NOTE:
within the RFDL, an end-of-message event causes an interrupt on both the
EOM and INT RFDL interrupt outputs. See the Operation section for further
details on using the RFDL.
TDLINTE:
The TDLINTE bit enables the XFDL request for service interrupt to also
generate an interrupt on the microprocessor interrupt, INTB. This allows a
single microprocessor to service the XFDL without needing to interface to the
DMA control signals. When TDLINTE is set to logic 1, an request for service
interrupt event in the XFDL (which is visible on the TDLINT output pin when
TXDMASIG is logic 1) also causes and interrupt to be generated on the INTB
output. When TDLINTE is set to logic 0, an interrupt event in the XFDL does
not cause an interrupt on INTB.
TDLUDRE:
The TDLUDRE bit enables the XFDL transmit data underrun interrupt to also
generate an interrupt on the microprocessor interrupt, INTB. This allows a
single microprocessor to service the XFDL without needing to interface to the
DMA control signals. When TDLUDRE is set to logic 1, an underrun event
causing an interrupt in the XFDL (which is visible on the TDLUDR output pin
when TXDMASIG is logic 1) also causes and interrupt to be generated on the
INTB output. When TDLUDRE is set to logic 0, an underrun event in the
XFDL does not cause an interrupt on INTB.
Upon reset of the EQUAD, these bits are cleared to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com