Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6344 Datasheet(PDF) 95 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 95 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 91Page - PMC-Sierra, Inc PM6344 Datasheet HTML 92Page - PMC-Sierra, Inc PM6344 Datasheet HTML 93Page - PMC-Sierra, Inc PM6344 Datasheet HTML 94Page - PMC-Sierra, Inc PM6344 Datasheet HTML 95Page - PMC-Sierra, Inc PM6344 Datasheet HTML 96Page - PMC-Sierra, Inc PM6344 Datasheet HTML 97Page - PMC-Sierra, Inc PM6344 Datasheet HTML 98Page - PMC-Sierra, Inc PM6344 Datasheet HTML 99Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
82
Register 00BH, 20BH: EQUAD Master Test
Bit
Type
Function
Default
Bit 7
W
TST
X
Bit 6
R/W
A_TM[8]
X
Bit 5
R/W
A_TM[7]
X
Bit 4
W
PMCTST
X
Bit 3
W
DBCTRL
0
Bit 2
R/W
IOTST
0
Bit 1
W
HIZDATA
0
Bit 0
R/W
HIZIO
0
This register is used to select EQUAD test features. All bits, except for PMCTST
and A_TM[8:7] are reset to zero by a hardware reset of the EQUAD; a software
reset of the EQUAD does not affect the state of the bits in this register. Refer to
the Test Features Description section for more information.
TST:
The TST bit performs a function similar to the PMCTST bit (see below), but
does not select A_TM[8:7] internally.
A_TM[8]:
The state of the A_TM[8] bit internally replaces the input address line A[8]
when PMCTST is set. This allows for more efficient use of the PMC
manufacturing test vectors.
A_TM[7]:
The state of the A_TM[7] bit internally replaces the input address line A[7]
when PMCTST is set. This allows for more efficient use of the PMC
manufacturing test vectors.
PMCTST:
The PMCTST bit is used to configure the EQUAD for PMC's manufacturing
tests. When PMCTST is set to logic 1, the EQUAD microprocessor port
becomes the test access port used to run the PMC manufacturing test
vectors. The PMCTST bit is logically "ORed" with the IOTST bit, and is
cleared by setting CSB to logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com