Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8313 Datasheet(PDF) 28 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 28 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 24Page - PMC-Sierra, Inc PM8313 Datasheet HTML 25Page - PMC-Sierra, Inc PM8313 Datasheet HTML 26Page - PMC-Sierra, Inc PM8313 Datasheet HTML 27Page - PMC-Sierra, Inc PM8313 Datasheet HTML 28Page - PMC-Sierra, Inc PM8313 Datasheet HTML 29Page - PMC-Sierra, Inc PM8313 Datasheet HTML 30Page - PMC-Sierra, Inc PM8313 Datasheet HTML 31Page - PMC-Sierra, Inc PM8313 Datasheet HTML 32Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
18
Pin Name
Type
Pin No. Function
RFERF
Output
23
The receive far end receive failure (RFERF)
signal reflects the value of the internal FERF
state buffered by two M-frames. Internally,
FERF is set high when both X-bits (X1 and X2)
are received as logic 0 in the current M-frame;
FERF is set low when both X-bits are received
as logic 1. FERF remains in its previous state
when X1 • X2 in the current M-frame. The
RFERF output latency provides a better than
99.99% chance of freezing (i.e. holding RFERF
in its previous state) upon a valid state value
during the occurrence of an out of frame.
RFERF is updated once per M-frame on the
falling edge of ROHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com