Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8313 Datasheet(PDF) 65 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 65 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 61Page - PMC-Sierra, Inc PM8313 Datasheet HTML 62Page - PMC-Sierra, Inc PM8313 Datasheet HTML 63Page - PMC-Sierra, Inc PM8313 Datasheet HTML 64Page - PMC-Sierra, Inc PM8313 Datasheet HTML 65Page - PMC-Sierra, Inc PM8313 Datasheet HTML 66Page - PMC-Sierra, Inc PM8313 Datasheet HTML 67Page - PMC-Sierra, Inc PM8313 Datasheet HTML 68Page - PMC-Sierra, Inc PM8313 Datasheet HTML 69Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
55
Register 02H: Master Bypass Configuration
Bit
Type
Function
Default
Bit7
R/W
EXD2CLK
0
Bit6
R/W
BYP7
0
Bit5
R/W
BYP6
0
Bit4
R/W
BYP5
0
Bit3
R/W
BYP4
0
Bit2
R/W
BYP3
0
Bit1
R/W
BYP2
0
Bit0
R/W
BYP1
0
The Master Bypass Configuration Register is provided at D3MX read/write
address 02H.
BYP[7:1]:
The BYP[7:1] bits allow for each of the seven MX12 blocks to be individually
bypassed so that an external DS2 may be multiplexed and demultiplexed
directly without the intermediate M12 multiplexing. If BYP[n] is a logic 1, the
following applies:
1. A nominally 6.312 MHz clock is expected on TD1CLK(4n).
2. A data stream synchronous to TD1CLK(4n) is expected on TD1DAT(4n).
3. The clocks on TD1CLK(4n-1), TD1CLK(4n-2) and TD1CLK(4n-3) have no
effect.
4. The data streams on TD1DAT(4n-1), TD1DAT(4n-2) and TD1DAT(4n-3) are
ignored.
5. A nominally 6.312 MHz clock is presented on RD1CLK(4n).
6. A data stream synchronous to RD1CLK(4n) is presented on RD1DAT(4n).
7. The signals on RD1CLK(4n-1), RD1CLK(4n-2), RD1CLK(4n-3),
RD1DAT(4n-1), RD1DAT(4n-2) and RD1DAT(4n-3) are always low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com