Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8313 Datasheet(PDF) 75 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 75 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 71Page - PMC-Sierra, Inc PM8313 Datasheet HTML 72Page - PMC-Sierra, Inc PM8313 Datasheet HTML 73Page - PMC-Sierra, Inc PM8313 Datasheet HTML 74Page - PMC-Sierra, Inc PM8313 Datasheet HTML 75Page - PMC-Sierra, Inc PM8313 Datasheet HTML 76Page - PMC-Sierra, Inc PM8313 Datasheet HTML 77Page - PMC-Sierra, Inc PM8313 Datasheet HTML 78Page - PMC-Sierra, Inc PM8313 Datasheet HTML 79Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
65
RNR:
The Receive Network Requirement (RNR) bit reflects the real time value of
the Network Requirement (Nr) bit presented in the second C-bit in M-
subframe 1 when in DS3 C-bit parity mode. The RNR bit is a logic 1 if a logic
one occurs in the Nr overhead bit timeslot. If C-bit parity is not selected, the
value of RNR is meaningless and random.
TNR:
The Transmit Network Requirement (TNR) bit determines the value inserted
into the Network Requirement (Nr) bit transmitted in the second C-bit in M-
subframe 1 when in DS3 C-bit parity mode. A logic 1 in the TNR bit causes a
one to be transmitted in the Nr overhead bit timeslot. The TNR bit is set to a
logic 1 upon either a hardware or software reset. If C-bit parity is not
selected, the TNR bit has no effect. Note that the serial control input, TOHEN,
takes precedence over the effect of this bit when TOHEN is asserted during
the Network Requirement Bit position. While TOHEN is asserted at the
second C-bit position of M-subframe 1, the data on the TOH input is
transmitted in the Nr bit.
When the device is set for transmission of AIS (Register 0CH Bit 6) in C-bit parity
mode, all C-bits are forced to 0 except for the network requirement bit which is
forced to the TNR register bit value. The TNR bit must be cleared when TRAN is
enabled to generate AIS in C-bit parity mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com