Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8313 Datasheet(PDF) 95 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 95 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 91Page - PMC-Sierra, Inc PM8313 Datasheet HTML 92Page - PMC-Sierra, Inc PM8313 Datasheet HTML 93Page - PMC-Sierra, Inc PM8313 Datasheet HTML 94Page - PMC-Sierra, Inc PM8313 Datasheet HTML 95Page - PMC-Sierra, Inc PM8313 Datasheet HTML 96Page - PMC-Sierra, Inc PM8313 Datasheet HTML 97Page - PMC-Sierra, Inc PM8313 Datasheet HTML 98Page - PMC-Sierra, Inc PM8313 Datasheet HTML 99Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
85
Register 21H: XFDL TSB Interrupt Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R
INT
0
Bit 0
R/W
UDR
0
INT:
The INT bit indicates when the XFDL TSB is ready to accept a new data byte
for transmission. The INT bit is set to a logic 1 when the previous byte in the
Transmit Data register has been loaded into the parallel to serial converter
and a new byte can be written into the Transmit Data register. The INT bit is
set to a logic 0 while new data is in the Transmit Data register. The INT bit is
not disabled by the INTE bit in the configuration register.
UDR:
The UDR bit indicates when the XFDL TSB has underrun the data in the
Transmit Data register. The UDR bit is set to a logic 1 if the parallel to serial
conversion of the last byte in the Transmit Data register has completed before
the new byte was written into the Transmit Data register. Once an underrun
has occurred, the XFDL transmits an ABORT, followed by a flag, and waits to
transmit the next valid data byte. If the UDR bit is still set after the
transmission of the flag the XFDL will continuously transmit the all-ones idle
pattern. The UDR bit can only be cleared by writing a logic 0 to the UDR bit
position in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com