Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8313 Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 72Page - PMC-Sierra, Inc PM8313 Datasheet HTML 73Page - PMC-Sierra, Inc PM8313 Datasheet HTML 74Page - PMC-Sierra, Inc PM8313 Datasheet HTML 75Page - PMC-Sierra, Inc PM8313 Datasheet HTML 76Page - PMC-Sierra, Inc PM8313 Datasheet HTML 77Page - PMC-Sierra, Inc PM8313 Datasheet HTML 78Page - PMC-Sierra, Inc PM8313 Datasheet HTML 79Page - PMC-Sierra, Inc PM8313 Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
66
Register 07H: Master Test
Bit
Type
Function
Default
Bit 7
R/W
VCLK_IOTST
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
W
PMCTST
X
Bit 3
W
DBCTRL
X
Bit 2
R/W
IOTST
X
Bit 1
W
HIZDATA
X
Bit 0
R/W
HIZIO
X
The Master Test Register is provided at D3MX read/write address 07H.
This register is used to select D3MX test features. All bits, except for PMCTST,
are reset to zero by a hardware reset of the D3MX; a software reset of the D3MX
does not affect the state of the bits in this register.
VCLK_IOTST:
The VCLK_IOTST bit replaces the RCLK/VCLK input as the test clock when
the IOTST bit is a logic 1. Some sense points require a rising edge on the
test clock to clock in the value on the pin. This bit satisfies the requirement
without needing the RCLK/VCLK input to toggle.
PMCTST:
The PMCTST bit is used to configure the D3MX for PMC's manufacturing
tests. When PMCTST is set to logic 1, the D3MX microprocessor port
becomes the test access port used to run the PMC "canned" manufacturing
test vectors. The PMCTST bit is logically "ORed" with the IOTST bit, and can
only be cleared by setting CSB to logic 1.
DBCTRL:
The DBCTRL bit is used to pass control of the data bus drivers to the CSB
pin while IOTST is a logic 1. When the DBCTRL bit is set to logic 1, the CSB
pin controls the output enable for the data bus. While the DBCTRL bit is set,
holding the CSB pin high causes the D3MX to drive the data bus and holding
the CSB pin low tri-states the data bus. The DBCTRL bit overrides the
HIZDATA bit. The DBCTRL bit is used to measure the drive capability of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com