Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8313 Datasheet(PDF) 36 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 32Page - PMC-Sierra, Inc PM8313 Datasheet HTML 33Page - PMC-Sierra, Inc PM8313 Datasheet HTML 34Page - PMC-Sierra, Inc PM8313 Datasheet HTML 35Page - PMC-Sierra, Inc PM8313 Datasheet HTML 36Page - PMC-Sierra, Inc PM8313 Datasheet HTML 37Page - PMC-Sierra, Inc PM8313 Datasheet HTML 38Page - PMC-Sierra, Inc PM8313 Datasheet HTML 39Page - PMC-Sierra, Inc PM8313 Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
26
Pin Name
Type
Pin No. Function
TDLSIG/
TDLUDR
I/O
205
The transmit data link (TDLSIG) signal is active
when an external HDLC receiver is selected
(the TEXHDLC bit in the corresponding Master
HDLC Configuration Register is a logic 1). The
TDLSIG signal carries bits to be inserted in the
three C-bits in M-subframe #5 by the DS3
transmitter. TDLSIG is ignored when C-bit
parity mode is not enabled. TDLSIG is
sampled on the rising edge of the TDLCLK
signal.
The transmit data link underrun (TDLUDR)
signal is active when the internal HDLC
receiver is selected (the TEXHDLC bit in the
corresponding Master HDLC Configuration
Register is a logic 0). TDLUDR is asserted
when the internal HDLC transmitter underruns.
TDLUDR is deasserted by writing to the XFDL
Interrupt Status Register. By default TDLUDR
is an active low open-drain output, but can be
configured as active high.
Upon a reset, the TEXHDLC bit a logic 1, thus,
the pin is configured as an input, TDLSIG.
Typically, TDLUDR would be connected to the
supervising microprocessor when an external
DMA is used, signaling the microprocessor that
a severe error has occurred causing the
transmit buffer to underrun. In this case the
TDLUDR is configured as an active-low open
drain output and wired-ORed with the INTB
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com