Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8313 Datasheet(PDF) 47 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 47 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 43Page - PMC-Sierra, Inc PM8313 Datasheet HTML 44Page - PMC-Sierra, Inc PM8313 Datasheet HTML 45Page - PMC-Sierra, Inc PM8313 Datasheet HTML 46Page - PMC-Sierra, Inc PM8313 Datasheet HTML 47Page - PMC-Sierra, Inc PM8313 Datasheet HTML 48Page - PMC-Sierra, Inc PM8313 Datasheet HTML 49Page - PMC-Sierra, Inc PM8313 Datasheet HTML 50Page - PMC-Sierra, Inc PM8313 Datasheet HTML 51Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
37
Whenever counter data is transferred into the holding registers, an interrupt is
generated, providing the interrupt is enabled. If the holding registers have not
been read since the last interrupt, an overrun status bit is set.
8.3
Path Maintenance Data Link Receiver
The RFDL Data Link Receiver is a microprocessor peripheral used to receive
LAPD/HDLC frames from the DS3 C-bit parity path maintenance data link
The RFDL detects the change from flag characters to the first byte of data,
removes stuffed zeros on the incoming data stream, receives frame data, and
calculates the CRC-CCITT frame check sequence (FCS).
Received data is placed into a 4-level FIFO buffer. The Status Register contains
bits which indicate overrun, end of message, flag detected, and buffered data
available.
On end of message, the Status Register also indicates the FCS status and the
number of valid bits in the final data byte. Interrupts are generated when one,
two or three (programmable count) bytes are stored in the FIFO buffer. Interrupts
are also generated when the terminating flag sequence, abort sequence, or
FIFO buffer overrun are detected.
8.4
Alarm And Control Channel Bit Oriented Code Detector
The Bit-Oriented Code Detector (RBOC) Block detects the presence of 63 of the
64 possible bit-oriented codes (BOCs) transmitted in the DS3 C-bit parity far-end
alarm and control (FEAC) channel. The 64th code ("111111") is similar to the
HDLC flag sequence and is ignored.
Bit-oriented codes are received on the FEAC channel as 16-bit sequences each
consisting of 8 ones, a zero, 6 code bits, and a trailing zero
("111111110xxxxxx0"). BOCs are validated when repeated at least 10 times .
The RBOC can be enabled to declare a received code valid if it has been
observed for 8 out of 10 times or for 4 out of 5 times, as specified by the AVC bit
in the RBOC Configuration/Interrupt Enable Register.
Valid BOCs are indicated through the RBOC Interrupt Status Register. The BOC
bits are set to all ones ("111111") if no valid code has been detected. The RBOC
can be programmed to generate an interrupt when a detected code has been
validated and when the code disappears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com