Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8313 Datasheet(PDF) 84 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 84 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 80Page - PMC-Sierra, Inc PM8313 Datasheet HTML 81Page - PMC-Sierra, Inc PM8313 Datasheet HTML 82Page - PMC-Sierra, Inc PM8313 Datasheet HTML 83Page - PMC-Sierra, Inc PM8313 Datasheet HTML 84Page - PMC-Sierra, Inc PM8313 Datasheet HTML 85Page - PMC-Sierra, Inc PM8313 Datasheet HTML 86Page - PMC-Sierra, Inc PM8313 Datasheet HTML 87Page - PMC-Sierra, Inc PM8313 Datasheet HTML 88Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
74
Register 0DH:DS3 TRAN Diagnostic
Bit
Type
Function
Default
Bit7
R/W
DLOS
0
Bit6
R/W
DLCV
0
Bit5
Unused
X
Bit4
R/W
DFERR
0
Bit3
R/W
DMERR
0
Bit2
R/W
DCPERR
0
Bit1
R/W
DPERR
0
Bit0
R/W
DFEBE
0
DFEBE:
The DFEBE controls the insertion of far end block errors in the outgoing DS3
stream. When DFEBE is set to a logic 1, and the C-bit parity application is
enabled, the three C-bits in M-subframe 4 are set to a logic 0.
DPERR:
The DPERR controls the insertion of parity errors (P-bit errors) in the
outgoing DS3 stream. When DPERR is set to a logic 1, the P-bits are
inverted before insertion in the DS3 stream.
DCPERR:
The DCPERR controls the insertion of C-bit parity errors in the outgoing DS3
stream. When DCPERR is set to a logic 1, and the C-bit parity application is
enabled, the three C-bits in M-subframe 3 are inverted before insertion in the
DS3 stream.
DMERR:
The DMERR controls the insertion of framing errors (M-bit errors) in the
outgoing DS3 stream. When DMERR is set to a logic 1, the M-bits are
inverted before insertion in the DS3 stream.
DFERR:
The DFERR controls the insertion of framing errors (F-bit errors) in the
outgoing DS3 stream. When DFERR is set to a logic 1, the F-bits are
inverted before insertion in the DS3 stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com