Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8313 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 93Page - PMC-Sierra, Inc PM8313 Datasheet HTML 94Page - PMC-Sierra, Inc PM8313 Datasheet HTML 95Page - PMC-Sierra, Inc PM8313 Datasheet HTML 96Page - PMC-Sierra, Inc PM8313 Datasheet HTML 97Page - PMC-Sierra, Inc PM8313 Datasheet HTML 98Page - PMC-Sierra, Inc PM8313 Datasheet HTML 99Page - PMC-Sierra, Inc PM8313 Datasheet HTML 100Page - PMC-Sierra, Inc PM8313 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
87
Register 24H: RFDL TSB Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R/W
TR
0
Bit 0
R/W
EN
0
EN:
The enable bit (EN) controls the overall operation of the RFDL TSB. When
set, the RDFL TSB is enabled; when reset the RFDL TSB is disabled. When
the TSB is disabled, the FIFO and interrupts are all cleared, however, the
programming of the Interrupt Control/Status Register is not affected. When
the TSB is enabled, it will immediately begin looking for flags.
Setting the terminate reception bit (TR) forces the RFDL TSB to immediately
terminate the reception of the current LAPD frame, empty the FIFO, clear the
interrupts, and begin searching for a new flag sequence. The RFDL handles
the TR input in the same manner as if the EN bit had been cleared and then
set. The TR bit in the Configuration register will reset itself after a rising and
falling edge have occurred on the CLK input to the RFDL TSB once the write
to this register has completed and WEB goes inactive. If the Configuration
register is read after this time, the TR bit value returned will be zero.
The RFDL TSB handles the TR input in the same manner as clearing and
setting the EN bit, therefore, the RFDL state machine will begin searching for
flags and an interrupt will be generated when the first flag is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com