Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8313 Datasheet(PDF) 14 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 14 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 10Page - PMC-Sierra, Inc PM8313 Datasheet HTML 11Page - PMC-Sierra, Inc PM8313 Datasheet HTML 12Page - PMC-Sierra, Inc PM8313 Datasheet HTML 13Page - PMC-Sierra, Inc PM8313 Datasheet HTML 14Page - PMC-Sierra, Inc PM8313 Datasheet HTML 15Page - PMC-Sierra, Inc PM8313 Datasheet HTML 16Page - PMC-Sierra, Inc PM8313 Datasheet HTML 17Page - PMC-Sierra, Inc PM8313 Datasheet HTML 18Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
4
• Maximum average reframe time of less than 7 ms (as required by TR-TSY-
000009 Section 4.1.2 and TR-TSY-000191 Section 5.2) for DS2 format and 1
ms for G.747 format.
• Allows forcing of reframe via an internal register.
• Detects the alarm indication signal in 9.9 ms in the presence of a 10-3 bit
error rate.
• Extracts the DS2 X-bit or G.747 remote alarm bit and indicates far end
receive failure.
• Accumulates error events over consecutive accumulation intervals as defined
by writes to internal registers.
• Accumulates up to 255 DS2 M-bit or F-bit error events per second.
Accumulates up to 255 G.747 framing bit or word (selectable) error events
per second.
• Accumulates up to 8191 G.747 parity error events per second.
• Optionally generates interrupts when various events or status changes occur.
• Performs required bit stuffing including generation of C-bits.
• Performs required bit destuffing including interpretation of C-bits.
• Includes required FIFO buffers for rate adaptation in the multiplex path.
• Allows per tributary alarm indication signal (AIS) to be activated or cleared for
either direction under microprocessor control.
DS2 Functionality
• Multiplexes four DS1 bit streams into a single M12 format DS2 bit stream.
• Performs required inversion of second and fourth multiplexed DS1 streams as
required by ANSI T1.107 Section 7.2.
• Allows insertion of per DS1 payload loopback requests encoded in the
transmitted C-bits to be activated or cleared under microprocessor control.
• Inserts X, F, and M bits into transmitted DS2 bit stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com