Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8313 Datasheet(PDF) 46 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 46 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 42Page - PMC-Sierra, Inc PM8313 Datasheet HTML 43Page - PMC-Sierra, Inc PM8313 Datasheet HTML 44Page - PMC-Sierra, Inc PM8313 Datasheet HTML 45Page - PMC-Sierra, Inc PM8313 Datasheet HTML 46Page - PMC-Sierra, Inc PM8313 Datasheet HTML 47Page - PMC-Sierra, Inc PM8313 Datasheet HTML 48Page - PMC-Sierra, Inc PM8313 Datasheet HTML 49Page - PMC-Sierra, Inc PM8313 Datasheet HTML 50Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
36
When enabled for C-bit parity operation, both the far end alarm and control
channel and the path maintenance data link are extracted and serialized at 9.4
kbit/s and 28.2 kbit/s, respectively. Codes in the extracted far end alarm and
control (FEAC) channel may be detected with the Bit-Oriented Code Detector
(RBOC). HDLC messages in the extracted path maintenance data link may be
received with the Data Link Receiver (RFDL).
The FRMR may be configured for C-bit parity mode or left in M23 mode. When
C-bit parity mode is not enabled, outputs relating to C-bit parity features are
forced to an inactive state. The FRMR, however, provides an indication of
whether the C-bit parity application is present or absent, independent of how it is
configured.
The FRMR may be configured to generate interrupts on error events or status
changes. All sources of interrupts can be masked or acknowledged via internal
registers. Internal registers are also used to configure the FRMR. Access to
these registers is via a generic microprocessor bus.
Under DS3 AIS, LOF or LOS conditions, the M23 and M12 Multiplexers can
receive data which corresponds to a continuous C-bit stuff ratio of between 0 and
100%. At the extremes of the stuff ratio (i.e. 0% and 100%) the recovered
DS1/E1 tributary clocks will exceed their nominal value by up to +/-1750 ppm.
This tributary frequency excursion could pose a problem for downstream circuitry
in some applications.
8.2
DS3 Performance Monitor
The DS3 Performance Monitor (PMON) Block interfaces directly with the T3
Framer (FRMR) to accumulate line code violation (LCV) events, excessive zeros
occurrences (EXZS), P-bit parity error (PERR) events, C-bit parity error (CPERR)
events, far end block error (FEBE) events, and framing bit error (FERR) events in
counters over intervals which are defined by successive microprocessor writes to
a PMON counter register location. Each counter saturates at a specific value.
Due to the off-line nature of the T3 Framer, PMON continues to accumulate error
events even while the FRMR is indicating OOF.
When a microprocessor write to a PMON count register is performed, a transfer
clock signal is generated. This transfer clock causes the PMON block to transfer
the current counter values into holding registers and reset the counters to begin
accumulating error events for the next interval. The counters are reset in such a
manner that error events occurring during the reset period are not missed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com