Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 49Page - STMicroelectronics ST25R3910 Datasheet HTML 50Page - STMicroelectronics ST25R3910 Datasheet HTML 51Page - STMicroelectronics ST25R3910 Datasheet HTML 52Page - STMicroelectronics ST25R3910 Datasheet HTML 53Page - STMicroelectronics ST25R3910 Datasheet HTML 54Page - STMicroelectronics ST25R3910 Datasheet HTML 55Page - STMicroelectronics ST25R3910 Datasheet HTML 56Page - STMicroelectronics ST25R3910 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
DocID029768 Rev 2
53/65
ST25R3910
55
1.3.22
Regulator Display Register
Address: 15h
Type: R
1.3.23
Regulated Voltage Definition Register
Address: 16h
Type: RW
Table 31. Regulators Display Register(1)
Bit
Name
Default
Function
Comments
7
reg_3
0
MSB
Displays actual regulated voltage when
regulator is operating.
In Power-down mode its content is forced to
00h.
See Table 33 for definition.
6
reg_2
0
-
5
reg_1
0
-
4
reg_0
0
LSB
3-
0
Not used
-
2-
0
-
1-
0
-
0-
0
-
1. At power-up and after Set Default command regulated voltage is set to 3.4 V (maximum value).
Table 32. Regulated Voltage Definition Register(1)
Bit
Name
Default
Function
Comments
7
reg_s
0
0: Regulated voltages are defined by
result of Adjust Regulators command
1: Regulated voltages are defined by
rege_x bits written in this register
Defines mode of regulator voltage setting.
6
rege_3
0
MSB
External definition of regulated voltage.
Refer to Table 33 for definition.
5
rege_2
0
-
4
rege_1
0
-
3
rege_0
0
LSB
2-
0
Not used
-
1-
0
-
0-
0
-
1. Default setting takes place at power-up and after Set Default command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com