Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 41Page - STMicroelectronics ST25R3910 Datasheet HTML 42Page - STMicroelectronics ST25R3910 Datasheet HTML 43Page - STMicroelectronics ST25R3910 Datasheet HTML 44Page - STMicroelectronics ST25R3910 Datasheet HTML 45Page - STMicroelectronics ST25R3910 Datasheet HTML 46Page - STMicroelectronics ST25R3910 Datasheet HTML 47Page - STMicroelectronics ST25R3910 Datasheet HTML 48Page - STMicroelectronics ST25R3910 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
DocID029768 Rev 2
45/65
ST25R3910
55
1.3.10
FIFO Status Register
Address: 09h
Type: RW
1.3.11
Collision Register (ISO-14443A only)
Address: 0Ah
Type: R
Table 17. FIFO Status Register(1)
Bit
Name
Default
Function
Comments
7
fifo_b5
0
Number of bytes (binary coded) in the
FIFO that have not been read out
Valid range is from 000000 to 100000
6
fifo_b4
0
5
fifo_b3
0
4
fifo_b2
0
3
fifo_b1
0
2
fifo_b0
0
1
fifo_ovr
0
1: FIFO overflow
-
0
rx_act
0
1: Reception active
This bit is set to 1 when the start of a tag
message is detected, and stays high until
the end of the tag message is detected.
1. Default setting takes place at power-up, after Set Default and after Clear commands.
Table 18. Collision Register (ISO-14443A only)(1)
Bit
Name
Default
Function
Comments
7
c_byte3
0
Number of full bytes before the
byte where the collision happened
-
6
c_byte2
0
5
c_byte1
0
4
c_byte0
0
3
c_bit2
0
Number of bits before the bit
where the collision happened
-
2
c_bit1
0
1c_bt0
0
0
rfu
0
Not used
-
1. Default setting takes place at power-up, after Set Default and after Clear content commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com