Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 30Page - STMicroelectronics ST25R3910 Datasheet HTML 31Page - STMicroelectronics ST25R3910 Datasheet HTML 32Page - STMicroelectronics ST25R3910 Datasheet HTML 33Page - STMicroelectronics ST25R3910 Datasheet HTML 34Page - STMicroelectronics ST25R3910 Datasheet HTML 35Page - STMicroelectronics ST25R3910 Datasheet HTML 36Page - STMicroelectronics ST25R3910 Datasheet HTML 37Page - STMicroelectronics ST25R3910 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Functional overview
ST25R3910
34/65
DocID029768 Rev 2
Antenna calibration using command Calibrate Antenna
The calibration of LC tank resonance frequency is automatically done by running the direct
command Calibrate Antenna. During execution of this command the comparator at the
output of Phase Detector is used. In case the LC tank resonance frequency is higher than
the target 13.56 MHz, the Phase Detector output gets higher than VSP/2 and the comparator
output is high. In the opposite case, when the resonance frequency is lower, the Phase
Detector output gets lower than VSP/2 and the comparator output is low.
At the beginning of the command Calibrate Antenna execution the switches in all TRIMx_y
pads are turned off. As a consequence, all the trimming capacitors are disconnected so in
case the LC tank dimensioning is correct the resonance frequency has to be higher than the
target and the comparator output has to be high. In case the comparator output is low at this
initial state the resonance frequency is too low even when all the trimming capacitor are
disconnected, and adjustments of the resonance frequency are not possible. An error flag is
set and execution of the command is terminated.
In case the comparator output was high at the initial state, the LSB switches (TRIM1_0 and
TRIM2_0) are switched on and after 10 μs state of the comparator output is checked again.
This procedure is repeated until the comparator output transitions to low, or until the final
state with all switches turned on is reached. The switch state at which the comparator output
is transitional is the one at which the LC tank is in resonance.
In case the state with all switched turned on is reached while the comparator output is still
high, the resonance frequency is too high even when all the capacitors are connected and
adjustments are not possible. The error flag is set.
The result of the direct command Calibrate Antenna can be observed by reading the
Antenna Calibration Register, which displays the state of four bits representing the state of
the switches when the resonance was reached and the error flag.
After the execution of the direct command Calibrate Antenna the resonance can be checked
by running the direct command Check Antenna Resonance.
Antenna calibration using External Trim Register
There is also a possibility to control the position of the TRIM switches by writing the External
Trim Register. When bit trim_s is set to 1 position of the trim switches is controlled by bits
tre_3 to tre_0. Using this register and the direct command Check Antenna Resonance an
external trimming procedure can be implemented.
Another possible external trimming procedure is to use this register and the direct command
Measure RF. In this case the resonance is adjusted by looking for operating point with the
maximum amplitude.
Transparent mode
The AS3909/10 framing supports the ISO-14443 standard.
Other standards as well as custom 13.56 MHz RFID reader protocols can be implemented
by using the ST25R3910 AFE and framing implemented in the external microcontroller.
After sending the direct command Transparent Mode the external microcontroller directly
controls the transmission modulator and gets the Receiver output (the control logic
becomes “transparent”).
The Transparent mode is entered on falling edge of signal SEN after sending the command
Transparent Mode and is maintained as long as the signal SEN is kept low. Before sending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com